Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1239967 Datasheet (PDF) - PHOENIX CONTACT

1239967 Datasheet PDF - PHOENIX CONTACT
Part # 1239967
Download  1239967 Download
File Size   1557.44 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-FSB-5CON-PG9/ 0,5 SCOX - Device connector, rear mounting

1239967 Datasheet (PDF)

Go To PDF Page Download Datasheet
1239967 Datasheet PDF - PHOENIX CONTACT

Part # 1239967
Download  1239967 Click to download

File Size   1557.44 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-FSB-5CON-PG9/ 0,5 SCOX - Device connector, rear mounting

1239967 Datasheet (HTML) - PHOENIX CONTACT


1239967 Product details

Device connector, rear mounting, Universal, 5-position, Socket, straight, M12-SPEEDCON,
coding: B, on free cable end, Rear mounting, Pg9, Individual wires, cable length: 0.5 m, 0.34
mm2, TPE litz wire, Item is lead-free in accordance with RoHS II without Exemption 6c (Pb <0.
1%)

Your advantages
• Preassembled with litz wires for immediate use
• Customer-specific assemblies and litz wire lengths available
• Sealed on the litz wire side for optimum leak-tightness
• All standard pin assignments and codings for signal, data, and power transmission with a uniform design-in design
• For high transmission safety: shield connection to the housing with optional EMC nut
• SPEEDCON fast locking system reduces cabling times




Similar Part No. - 1239967

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1239960 PHOENIX-1239960 Datasheet
267Kb / 7P
SACC-DSI-MS-5CON-L180 SCOX - Device connector rear mounting
1239961 PHOENIX-1239961 Datasheet
278Kb / 8P
SACC-DSI-MS-8CON-L180 SCOX - Device connector rear mounting
1239962 PHOENIX-1239962 Datasheet
368Kb / 10P
SACC-DSI-FS-8CON-L180 SCOX - Device connector, rear mounting
1239963 PHOENIX-1239963 Datasheet
241Kb / 7P
SACC-DSIV-FS-8CON-L180 SCOTHRX - Device connector rear mounting
1239964 PHOENIX-1239964 Datasheet
481Kb / 11P
SACC-DSI-MSB-5CON-L180 SCOX - Device connector, rear mounting
More results


Similar Description - 1239967

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1551529 PHOENIX-1551529 Datasheet
1Mb / 13P
Device connector, rear mounting - SACC-DSI-FSD- 4CON-PG9/0,5 SCO
Jan 11, 2023
1409463 PHOENIX-1409463 Datasheet
1Mb / 11P
SACC-DSI-M12FS-5CON-PG9-L180 - Device connector, rear mounting
1409464 PHOENIX-1409464 Datasheet
523Kb / 10P
SACC-DSI-M12MS-5CON-PG9-L180 - Device connector, rear mounting
1419645 PHOENIX-1419645 Datasheet
543Kb / 14P
SACC-DSI-M12MS-5CON-M16/0,5 - Device connector, rear mounting
1419658 PHOENIX-1419658 Datasheet
1Mb / 14P
SACC-DSI-M12FS-5CON-M16/0,5 - Device connector, rear mounting
1547931 PHOENIX-1547931 Datasheet
2Mb / 13P
SACC-DSI-FS-5CON-PG9/0,5 SCODC - Device connector, rear mounting
1430446 PHOENIX-1430446 Datasheet
1Mb / 13P
SACC-DSI-FS-12CON-PG9/0,5 SCO - Device connector, rear mounting
1430459 PHOENIX-1430459 Datasheet
1Mb / 12P
SACC-DSI-MS-12CON-PG9/0,5 SCO - Device connector, rear mounting
1436356 PHOENIX-1436356 Datasheet
1Mb / 14P
SACC-DSI-M12FS-5CON-PG9/0,5 P - Device connector, rear mounting
1027697 PHOENIX-1027697 Datasheet
551Kb / 12P
SACC-DSI-MS-5CON-M16/0,5 PP - Device connector, rear mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com