Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1704071 Datasheet (PDF) - PHOENIX CONTACT

1704071 Datasheet PDF - PHOENIX CONTACT
Part # 1704071
Download  1704071 Download
File Size   518.39 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPC 5/ 4-STF-SH-7,62 - PCB connector

1704071 Datasheet (PDF)

Go To PDF Page Download Datasheet
1704071 Datasheet PDF - PHOENIX CONTACT

Part # 1704071
Download  1704071 Click to download

File Size   518.39 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPC 5/ 4-STF-SH-7,62 - PCB connector

1704071 Datasheet (HTML) - PHOENIX CONTACT


1704071 Product details

PCB connector, nominal cross section: 6 mm2, color: green, nominal current: 41 A, rated voltage
(III/2): 1000 V, contact surface: Tin, contact connection type: Socket, number of potentials: 4,
number of rows: 1, number of positions: 4, number of connections: 4, product range: SPC 5/..-
STF-SH, pitch: 7.62 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - without locking clip, plug-in system: COMBICON PC 5,
locking: Screw locking mechanism, mounting: Screw flange, type of packaging: packed in
cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Clamping space opened by means of fixed screwdriver enables convenient conductor connection
• Integrated double steel spring provides additional safety in the event of temperature and power fluctuations
• Optimized for tight installation situations: operation and conductor connection from one direction
• Shield for adherence to the EMC requirements and an optional strain relief
• Screwable flange for superior mechanical stability
• 600 V UL approval in the smallest of dimensions




Similar Part No. - 1704071

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1704004 PHOENIX-1704004 Datasheet
138Kb / 7P
PCB terminal block - KDS 3
1704020 PHOENIX-1704020 Datasheet
96Kb / 6P
PCB terminal block - KDS10
1704033 PHOENIX-1704033 Datasheet
444Kb / 13P
PCB terminal block - KDS10-PE
Jan 5, 2023
1704039 PHOENIX-1704039 Datasheet
62Kb / 5P
Printed-circuit board connector - MSTBT 2,5/ 3-ST-5,08 ABGYAU
1704042 PHOENIX-1704042 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/ 3-G-5,08 THTABGYAU
More results


Similar Description - 1704071

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1996142 PHOENIX-1996142 Datasheet
184Kb / 11P
Printed-circuit board connector - SPC 5/ 4-STF-7,62
1709380 PHOENIX-1709380 Datasheet
78Kb / 5P
Printed-circuit board connector - IPC 5/ 4-STF-SH-7,62
1996207 PHOENIX-1996207 Datasheet
85Kb / 5P
Printed-circuit board connector - SPC 5/10-STF-7,62
1996168 PHOENIX-1996168 Datasheet
179Kb / 11P
Printed-circuit board connector - SPC 5/ 6-STF-7,62
09/12/2020
1996032 PHOENIX-1996032 Datasheet
652Kb / 18P
PCB connector - SPC 5/ 4-ST-7,62
1996184 PHOENIX-1996184 Datasheet
552Kb / 17P
PCB connector - SPC 5/ 8-STF-7,62
1996223 PHOENIX-1996223 Datasheet
549Kb / 17P
PCB connector - SPC 5/12-STF-7,62
1711488 PHOENIX-1711488 Datasheet
319Kb / 11P
SPC 16/ 4-STF-SH-10,16 - PCB connector
1433101 PHOENIX-1433101 Datasheet
513Kb / 13P
SPC 4/ 5-STL3-SH-6,35 - PCB connector
1996155 PHOENIX-1996155 Datasheet
555Kb / 17P
SPC 5/ 5-STF-7,62 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com