Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD115-MEC Datasheet (PDF) - Sensata Technologies, Inc.

CD115-MEC Datasheet PDF - Sensata Technologies, Inc.
Part # CD115-MEC
Download  CD115-MEC Download
File Size   243.03 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description MECHANICAL DRAW-WIRE- MEASUREMENT RANGE 0 UP TO 3500 MM

CD115-MEC Datasheet (PDF)

Go To PDF Page Download Datasheet
CD115-MEC Datasheet PDF - Sensata Technologies, Inc.

Part # CD115-MEC
Download  CD115-MEC Click to download

File Size   243.03 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description MECHANICAL DRAW-WIRE- MEASUREMENT RANGE 0 UP TO 3500 MM

CD115-MEC Datasheet (HTML) - Sensata Technologies, Inc.




Similar Part No. - CD115-MEC

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
CD115-3000-R01K-L10-C-AC SENSATA-CD115-3000-R01K-L10-C-AC Datasheet
221Kb / 3P
POTENTIOMETRIC OUTPUT DRAW-WIRE – MEASUREMENT RANGE 0 UP TO 3000 MM
Revised 06/12/2020
CD115-3000-R01K-L10-K-AC SENSATA-CD115-3000-R01K-L10-K-AC Datasheet
221Kb / 3P
POTENTIOMETRIC OUTPUT DRAW-WIRE – MEASUREMENT RANGE 0 UP TO 3000 MM
Revised 06/12/2020
CD115-3000-R01K-L10-L4-AC SENSATA-CD115-3000-R01K-L10-L4-AC Datasheet
221Kb / 3P
POTENTIOMETRIC OUTPUT DRAW-WIRE – MEASUREMENT RANGE 0 UP TO 3000 MM
Revised 06/12/2020
CD115-3000-R01K-L15-C-AC SENSATA-CD115-3000-R01K-L15-C-AC Datasheet
221Kb / 3P
POTENTIOMETRIC OUTPUT DRAW-WIRE – MEASUREMENT RANGE 0 UP TO 3000 MM
Revised 06/12/2020
CD115-3000-R01K-L15-K-AC SENSATA-CD115-3000-R01K-L15-K-AC Datasheet
221Kb / 3P
POTENTIOMETRIC OUTPUT DRAW-WIRE – MEASUREMENT RANGE 0 UP TO 3000 MM
Revised 06/12/2020
More results


Similar Description - CD115-MEC

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZFSC-2-9G MINI-ZFSC-2-9G Datasheet
194Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 3500 to 9000 MHz
logo
Toshiba Semiconductor
TLP3125 TOSHIBA-TLP3125 Datasheet
194Kb / 6P
Replacement for Mechanical-Relay Measurement Instrumentation
TLP3125 TOSHIBA-TLP3125_14 Datasheet
199Kb / 6P
Replacement for Mechanical-Relay Measurement Instrumentation
logo
Amphenol Corporation
GRN6165 AMPHENOL-GRN6165 Datasheet
219Kb / 2P
Measurement range: 8.5% - 36.8%
logo
PHOENIX CONTACT
MICROFOX-SC PHOENIX-MICROFOX-SC Datasheet
48Kb / 2P
Diagonal cutter for Cu wire up to 1.5 mm diameter
logo
MICORO CRYSTAL SWITZERL...
VCXO2H MICROCRYSTAL-VCXO2H Datasheet
337Kb / 2P
family package 5횞3.2 mm T range up to 125째C 40MHz to 130MHz
logo
PUI audio inc.
SMI-1027-TW-12V-R PUIAUDIO-SMI-1027-TW-12V-R Datasheet
513Kb / 5P
7 to 15 VDC voltage range with low 30 mA current draw
logo
Hubbell Incorporated.
BISR30DBRK HUBBELL-BISR30DBRK Datasheet
267Kb / 2P
Multi Tap Connector, UNITAP,Wire Range:1/0 -3/0 AWG,Torque:220inlbs.
logo
Rectron Semiconductor
FM3500W RECTRON-FM3500W Datasheet
128Kb / 6P
HIGH VOLTAGE RECTIFIER VOLTAGE RANGE 1200 to 3500 Volts CURRENT 0.2 to 0.5 Ampere
logo
Omron Electronics LLC
ES1C OMRON-ES1C Datasheet
852Kb / 8P
Achieve Superior Environmental Resistance and a Wide Measurement Range of 0 to 400°C.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com