Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT-230TR Datasheet (PDF) - Tyco Electronics

AT-230TR Datasheet PDF - Tyco Electronics
Part # AT-230TR
Download  AT-230TR Download
File Size   95.61 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 28dB, 3-Bit DC - 2.0 GHz

AT-230TR Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-230TR Datasheet PDF - Tyco Electronics

Part # AT-230TR
Download  AT-230TR Click to download

File Size   95.61 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 28dB, 3-Bit DC - 2.0 GHz

AT-230TR Datasheet (HTML) - Tyco Electronics




Similar Part No. - AT-230TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT-230TR MA-COM-AT-230TR Datasheet
75Kb / 3P
Digital Attenuator, 28 dB, 3-Bit DC - 2.0 GHz
More results


Similar Description - AT-230TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-210 MACOM-AT-210_1 Datasheet
110Kb / 3P
Digital Attenuator, 15dB, 4-Bit DC - 2.0 GHz
AT-220 MACOM-AT-220_1 Datasheet
168Kb / 3P
Digital Attenuator, 30dB, 4-Bit DC - 2.0 GHz
AT-260 MACOM-AT-260_1 Datasheet
193Kb / 3P
Digital Attenuator 31 dB, 5-Bit DC-2.0 GHz
AT-267 MACOM-AT-267_1 Datasheet
219Kb / 3P
Digital Attenuator, 1-Bit, 15dB, DC-2.0 GHz
AT-273-PIN MACOM-AT-273-PIN Datasheet
153Kb / 4P
Digital Attenuator, 2-Bit, 32.0dB, DC-2.0 GHz
AT-280 MACOM-AT-280_1 Datasheet
184Kb / 3P
Digital Attenuator, 15.5dB,5-Bit,DC-2.0 GHz
MAATSS0015 MACOM-MAATSS0015 Datasheet
111Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-230 MA-COM-AT-230 Datasheet
75Kb / 3P
Digital Attenuator, 28 dB, 3-Bit DC - 2.0 GHz
MAATSS0021 MA-COM-MAATSS0021 Datasheet
75Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
MADA2030G MA-COM-MADA2030G Datasheet
71Kb / 4P
5-Bit GaAs Digital Attenuator DC- 2.0 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com