Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7570100 Datasheet (PDF) - Turck, Inc.

7570100 Datasheet PDF - Turck, Inc.
Part # 7570100
Download  7570100 Download
File Size   227.81 Kbytes
Page   4 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Cabinet Guard Internal and External Sensors

7570100 Datasheet (PDF)

Go To PDF Page Download Datasheet
7570100 Datasheet PDF - Turck, Inc.

Part # 7570100
Download  7570100 Click to download

File Size   227.81 Kbytes
Page   4 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Cabinet Guard Internal and External Sensors

7570100 Datasheet (HTML) - Turck, Inc.


7570100 Product details

The cabinet guard IM12-CCM03-MTIS-3TIOLC/24V monitors preset environmental limits inside the control cabinet. The environmental conditions are detected by a humidity or
temperature sensor, a brightness sensor and
a triangulation sensor that detects an incorrectly closed cabinet door. When exceeding or
falling below the set limits an error message
appears on the LED display or is reported via
the switching outputs and the IO-Link interface
to the host control system.
The device is supplied with 24 VDC
The teaching is done manually on the device;
extended parameterization is carried out via
the IO-Link interface.

The device is equipped with 8 screw terminals
for connecting the power supply and switching outputs and can be mounted on a DIN rail
acc. to EN 60715.
Furthermore, the device has 4 front-mounted
LEDs to display the operating status (green),
the error message (red) and the states of the
switching outputs (2 × yellow).
The device is equipped with removable screw
terminals

■ Two potential-free contacts
■ Temperature detection
■ Moisture detection
■ Detection of distance to cabinet door
■ IO-Link parameterizable
■ Connection of two devices via CAN bus
■ Galvanic isolation of outputs (A1/A2)
■ Removable screw terminals




Similar Part No. - 7570100

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
7570101 TURCK-7570101 Datasheet
227Kb / 4P
Cabinet Guard Internal and External Sensors
2023-07-21
7570102 TURCK-7570102 Datasheet
232Kb / 4P
Cabinet Guard Internal and External Sensors
2023-07-21
7570103 TURCK-7570103 Datasheet
232Kb / 4P
Cabinet Guard Internal and External Sensors
2023-07-21
More results


Similar Description - 7570100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX1617 ONSEMI-MAX1617 Datasheet
176Kb / 12P
SMBus Temperature Sensor with Internal and External Diode Input
February, 2000 ??Rev. 0
logo
National Semiconductor ...
LMV1031-20 NSC-LMV1031-20 Datasheet
690Kb / 10P
Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
logo
Texas Instruments
LMV1031 TI1-LMV1031 Datasheet
726Kb / 12P
Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
logo
Intersil Corporation
ISL95873 INTERSIL-ISL95873 Datasheet
533Kb / 17P
Buck PWM Controller with Internal Compensation and External Reference Tracking
December 10, 2012
logo
List of Unclassifed Man...
ANT-916-JJB-RA ETC2-ANT-916-JJB-RA Datasheet
196Kb / 1P
Good for internal or external mounting
logo
Panasonic Semiconductor
MN101E59 PANASONIC-MN101E59 Datasheet
339Kb / 3P
6 external interrupts. 30 internal interrupts
logo
Intersil Corporation
ISL95872 INTERSIL-ISL95872 Datasheet
617Kb / 17P
Buck PWM Controller with Internal Compensation and External Reference Tracking
January 26, 2012
logo
Renesas Technology Corp
ISL95872 RENESAS-ISL95872 Datasheet
830Kb / 17P
Buck PWM Controller with Internal Compensation and External Reference Tracking
ISL95873 RENESAS-ISL95873 Datasheet
835Kb / 17P
Buck PWM Controller with Internal Compensation and External Reference Tracking
logo
Maxim Integrated Produc...
MAX11300PMB1 MAXIM-MAX11300PMB1 Datasheet
14Mb / 9P
Internal or External Reference for ADC and DAC
Rev 2; 6/14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com