Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1021832 Datasheet (PDF) - PHOENIX CONTACT

1021832 Datasheet PDF - PHOENIX CONTACT
Part # 1021832
Download  1021832 Download
File Size   605.47 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-P12FSD-4CT-CM SH PN - Data connector

1021832 Datasheet (PDF)

Go To PDF Page Download Datasheet
1021832 Datasheet PDF - PHOENIX CONTACT

Part # 1021832
Download  1021832 Click to download

File Size   605.47 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-P12FSD-4CT-CM SH PN - Data connector

1021832 Datasheet (HTML) - PHOENIX CONTACT


1021832 Product details

Data connector, PROFINET CAT5 (100 Mbps), 4-position, shielded, Socket straight M12 Push-
Pull, coding: D, Crimp connection, knurl material: Zinc die-cast, nickel-plated, external cable
diameter 4.5 mm ... 7.5 mm, without crimp contacts

Your advantages
• Plug and Produce: convenient and secure connection, thanks to the manufacturer-independent locking system
• Extremely compact, thanks to the small wiring space and high contact density
• Clear feedback: the connector springs back when not snapped into place correctly
• Safely shielded: reliable shield connection even under extreme mechanical strain
• Robust connection: suitable for railway applications with high shock and vibration loads




Similar Part No. - 1021832

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1021830 PHOENIX-1021830 Datasheet
95Kb / 4P
Connector - SACC-P12MSD-4CT-CM SH PN
1021831 PHOENIX-1021831 Datasheet
98Kb / 4P
Connector - SACC-P12MRD-4CT-CM SH PN
1021834 PHOENIX-1021834 Datasheet
481Kb / 8P
SACC-P12FRD-4CT-CM SH PN - Data connector
More results


Similar Description - 1021832

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1021830 PHOENIX-1021830 Datasheet
95Kb / 4P
Connector - SACC-P12MSD-4CT-CM SH PN
1021831 PHOENIX-1021831 Datasheet
98Kb / 4P
Connector - SACC-P12MRD-4CT-CM SH PN
1554513 PHOENIX-1554513 Datasheet
116Kb / 8P
Data connector - SACC-M12MSD-4Q SH PN
09/11/2020
1554542 PHOENIX-1554542 Datasheet
121Kb / 8P
Data connector - SACC-M12FRD-4Q SH PN
09/11/2020
1411068 PHOENIX-1411068 Datasheet
501Kb / 14P
SACC-M12MSD-4QO SH PN - Data connector
1424685 PHOENIX-1424685 Datasheet
669Kb / 19P
SACC-M12FRD-4PL SH PN - Data connector
1422848 PHOENIX-1422848 Datasheet
535Kb / 17P
SACC-M12FSD-4CT-CM SH PN - Data connector
1027465 PHOENIX-1027465 Datasheet
555Kb / 12P
SACC-M12MST-4CT-CM SH - Power connector
1027479 PHOENIX-1027479 Datasheet
532Kb / 11P
SACC-M12MSL-4CT-CM SH - Power connector
1027466 PHOENIX-1027466 Datasheet
455Kb / 12P
SACC-M12FST-4CT-CM SH - Power connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com