Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1955840 Datasheet (PDF) - PHOENIX CONTACT

1955840 Datasheet PDF - PHOENIX CONTACT
Part # 1955840
Download  1955840 Download
File Size   1683.25 Kbytes
Page   25 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CCV 2,5/12-GF-5,08 P26THRR88 - PCB header

1955840 Datasheet (PDF)

Go To PDF Page Download Datasheet
1955840 Datasheet PDF - PHOENIX CONTACT

Part # 1955840
Download  1955840 Click to download

File Size   1683.25 Kbytes
Page   25 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CCV 2,5/12-GF-5,08 P26THRR88 - PCB header

1955840 Datasheet (HTML) - PHOENIX CONTACT


1955840 Product details

PCB headers, nominal cross section: 2.5 mm2, color: black, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Tin, contact connection type: Pin, number of potentials: 12,
number of rows: 1, number of positions: 12, number of connections: 12, product range: CCV
2,5/..-GF, pitch: 5.08 mm, mounting: THR soldering / wave soldering, pin layout: Linear pinning,
solder pin [P]: 2.6 mm, number of solder pins per potential: 1, plug-in system: COMBICON MSTB
2,5, Pin connector pattern alignment: Standard, locking: Screw locking mechanism, mounting:
Threaded flange, type of packaging: 88 mm wide tape, For user information and design
recommendations for through-hole reflow technology, go to: Downloads

Your advantages
• Designed for integration into the SMT soldering process
• Vertical connection enables multi-row arrangement on the PCB
• Screwable flange for superior mechanical stability
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1955840

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1955800000 WEIDMULLER-1955800000 Datasheet
513Kb / 6P
BLZP 5.00HC/02/180F SN OR BX
logo
PHOENIX CONTACT
1955808 PHOENIX-1955808 Datasheet
1Mb / 26P
CCV 2,5/ 8-GF-5,08 P26THRR88 - PCB header
logo
Weidmuller
1955850000 WEIDMULLER-1955850000 Datasheet
424Kb / 6P
BLZP 5.00HC/20/180F SN BK BX
logo
PHOENIX CONTACT
1955853 PHOENIX-1955853 Datasheet
630Kb / 15P
CCVA 2,5/ 2-G-5,08 P26THR
1955866 PHOENIX-1955866 Datasheet
133Kb / 5P
CCVA 2,5/ 3-G-5,08 P26THR
More results


Similar Description - 1955840

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1955633 PHOENIX-1955633 Datasheet
131Kb / 5P
CCV 2,5/ 2-GF-5,08 P26THR
1954906 PHOENIX-1954906 Datasheet
128Kb / 3P
Base strip - CC 2,5/12-GF-5,08 P26THRR88
1955620 PHOENIX-1955620 Datasheet
159Kb / 3P
Printed-circuit board connector - CCV 2,5/12-G-5,08 P26THRR88
1955646 PHOENIX-1955646 Datasheet
131Kb / 5P
CCV 2,5/ 3-GF-5,08 P26THR
1825792 PHOENIX-1825792 Datasheet
617Kb / 13P
PCB header - ICV 2,5/12-GF-5,08
Jan 5, 2023
1924622 PHOENIX-1924622 Datasheet
335Kb / 11P
PCB header - MSTBV 2,5 HC/12-GF-5,08
1955688 PHOENIX-1955688 Datasheet
1Mb / 25P
CCV 2,5/ 7-GF-5,08 P26THR - PCB header
1827773 PHOENIX-1827773 Datasheet
1Mb / 15P
CCV 2,5/14-GF-5,08-LR P26THR - PCB header
1955743 PHOENIX-1955743 Datasheet
1Mb / 25P
CCV 2,5/ 2-GF-5,08 P26THRR32 - PCB header
1845730 PHOENIX-1845730 Datasheet
1Mb / 22P
MDSTBV 2,5/12-GF-5,08 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com