Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECC204 Datasheet (PDF) - Microchip Technology

ECC204 Datasheet PDF - Microchip Technology
Part # ECC204
Download  ECC204 Download
File Size   1097.78 Kbytes
Page   27 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description ECC204 CryptoAuthentication™ Summary Data Sheet

ECC204 Datasheet (PDF)

Go To PDF Page Download Datasheet
ECC204 Datasheet PDF - Microchip Technology

Part # ECC204
Download  ECC204 Click to download

File Size   1097.78 Kbytes
Page   27 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description ECC204 CryptoAuthentication™ Summary Data Sheet

ECC204 Datasheet (HTML) - Microchip Technology


ECC204 Product details

Features
• Cryptographic Authentication Device with Secure Hardware-Based Key Storage:
– Protected storage for private key, certificates, symmetric key or user data
• Hardware Support for the Asymmetric Sign:
– ECDSA: FIPS186-4 Elliptic Curve Digital Signature
– NIST standard P-256 Elliptic Curve Support
• Hardware Support for SHA-256 and HMAC
• Internal Asymmetric Key Generation
• Internal High-Quality NIST SP 800-90A/B/C Random Number Generator (RNG)
• Joint Interpretation Laboratory (JIL) Score for Resistance to Attackers with Attack Potential – High
– Evaluated to the standard “Jil-Application-Of-Attack-Potential-To-Smartcards-V3.1”
– Achieved through tamper-resistant countermeasures to resist environmental, non-invasive and invasive
Fault attacks
• FIPS 140-3 Compliance Mode Configuration Option
• Field-Programmable EEPROM:
– Single ECC private key
– One device certificate and one CA signer certificate
– Single symmetric secret key
– 64-byte user memory
– >40-year data retention at +55℃
• Monotonic Counter with the Maximum Count Value of 10,000
• Unique 72-bit Serial Number
• Two Interface Options Available:
• 125 kbps Pulse-Width Modulated (PWM) single-wire serial interface (SWI)
• Parasitic power support for single-wire interface with External Capacitor
• 400 kHz Fast mode I2C interface
• 130 nA Nominal Sleep Current
• Extended Industrial Temperature of -40℃ to +105℃ Ambient Operating Range
• Human Body Model (HBM) ESD: I2C Devices: >4 kV; SWI Devices >7 kV
• Packaging Options:
• 8-pad UDFN (2 mm x 3mm), 8-lead SOIC, 3-lead Contact




Similar Part No. - ECC204

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECC XPPOWER-ECC Datasheet
318Kb / 2P
100 W - Baseplate Cooled
logo
NXP Semiconductors
ECC 82 PHILIPS-ECC 82 Datasheet
498Kb / 11P
Double Triode 1954
ECC 83 PHILIPS-ECC 83 Datasheet
466Kb / 11P
Double Triode
11.11.1954
logo
Ecliptek Corporation
ECC-20-30.000M-GA ECLIPTEK-ECC-20-30.000M-GA Datasheet
109Kb / 3P
CRYSTAL
ECC-20-30.000M-GTR ECLIPTEK-ECC-20-30.000M-GTR Datasheet
109Kb / 3P
CRYSTAL
More results


Similar Description - ECC204

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SA102S ATMEL-AT88SA102S Datasheet
194Kb / 24P
CryptoAuthentication
AT88SA102S ATMEL-AT88SA102S_10 Datasheet
262Kb / 24P
Atmel CryptoAuthentication
ATSHA204 ATMEL-ATSHA204 Datasheet
1Mb / 65P
Atmel CryptoAuthentication
ATECC108 ATMEL-ATECC108_14 Datasheet
344Kb / 11P
Atmel CryptoAuthentication
ATSHA204A ATMEL-ATSHA204A_14 Datasheet
1Mb / 82P
Atmel CryptoAuthentication
logo
Microchip Technology
ATSHA206A MICROCHIP-ATSHA206A Datasheet
1Mb / 22P
ATSHA206A Summary Data Sheet
2021
TA100 MICROCHIP-TA100 Datasheet
718Kb / 28P
CryptoAutomotive??TA100 (B5) Summary Data Sheet
Rev D
ATECC608A MICROCHIP-ATECC608A_V01 Datasheet
1Mb / 81P
ATECC608A for LoRaWAN™ Data Sheet
Revision B September 2020
logo
Silicon Laboratories
BGM240S SILABS-BGM240S Datasheet
2Mb / 61P
BGM240S Bluetooth™ SiP Module Data Sheet
Rev. 1.0
logo
Microchip Technology
ATECC608B MICROCHIP-ATECC608B Datasheet
984Kb / 28P
CryptoAuthentication™ Device Summary Data Sheet
July 2020 Revision A
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com