Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECC204 Datasheet(PDF) 9 Page - Microchip Technology

Part # ECC204
Description  ECC204 CryptoAuthentication™ Summary Data Sheet
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECC204 Datasheet(HTML) 9 Page - Microchip Technology

Back Button ECC204 Datasheet HTML 5Page - Microchip Technology ECC204 Datasheet HTML 6Page - Microchip Technology ECC204 Datasheet HTML 7Page - Microchip Technology ECC204 Datasheet HTML 8Page - Microchip Technology ECC204 Datasheet HTML 9Page - Microchip Technology ECC204 Datasheet HTML 10Page - Microchip Technology ECC204 Datasheet HTML 11Page - Microchip Technology ECC204 Datasheet HTML 12Page - Microchip Technology ECC204 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
ECC204
Electrical Characteristics
© 2023 Microchip Technology Inc.
and its subsidiaries
Summary Data Sheet
DS40002436A-page 9
...........continued
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Sleep Current(3)
ISLEEP
—
130
325(4)
nA
When the device is in Sleep mode, VCC ≤ 3.6V,
I/O at either GND or VCC
TA ≤ +55°C
—
130
500
nA
VCC ≤ 3.6V,
I/O at either GND or VCC
Full temperature Range
—
130
1000
nA
When the device is in Sleep mode
Over full VCC and temperature range
Current Consumption in I/O
Mode
II/O
—
60
250
µA
Waiting for I/O
Theta JA
ƟJA
—
166
—
°C/W 8-lead SOIC
—
173
—
°C/W 8-pad UDFN
—
146
—
°C/W 3-lead Contact
Notes: 
1.
CMOSen = 0 must only be used when VCC is between 2.0V and 5.5V and the host is running on a lower
supply voltage than the client. In this mode, the input buffers are referenced to an internal supply and VIL and
VIH levels are independent of the external VCC supply over this range. For voltages lower than 2.0V, CMOSen
must always be set to ‘1’.
2.
CMOSen = 0 must not be used when SWI Parasitic Power mode is used.
3.
The lowest system current will be achieved if the inputs are driven to VCC or allowed to be pulled up to VCC by
the pull-up resistors on the signal lines.
4.
This condition is characterized but not production tested.
3.2.2
DC Parameters: Single-Wire Interface
Table 3-2. DC Parameters on Single-Wire Interface(1)
Unless otherwise indicated, these values are applicable over the specified operating range from TA = -40℃ to +105℃, VCC =
+1.65V to +5.5V.
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Power Supply Voltage
VCC
1.65V
—
5.5V
V
—
Output Low Voltage
VOL
—
—
0.4
V
When the device is in Active mode,
VCC = 1.65V to 3.6V for output-low current = 8.0 mA
—
—
0.4
V
VCC > 3.6V 16.0 mA(3)
Input High Leakage
IIH
—
1.0
2.0
uA
VIN = VCC
Input Low Leakage
IIL
-200
—
200
nA
VIN = GND
Bus Capacitance
CBUS
—
—
500
pF
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com