Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECC204 Datasheet(PDF) 11 Page - Microchip Technology

Part # ECC204
Description  ECC204 CryptoAuthentication™ Summary Data Sheet
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECC204 Datasheet(HTML) 11 Page - Microchip Technology

Back Button ECC204 Datasheet HTML 7Page - Microchip Technology ECC204 Datasheet HTML 8Page - Microchip Technology ECC204 Datasheet HTML 9Page - Microchip Technology ECC204 Datasheet HTML 10Page - Microchip Technology ECC204 Datasheet HTML 11Page - Microchip Technology ECC204 Datasheet HTML 12Page - Microchip Technology ECC204 Datasheet HTML 13Page - Microchip Technology ECC204 Datasheet HTML 14Page - Microchip Technology ECC204 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
ECC204
ECC204 Trust Platform Variants and Provisioning Se...
© 2023 Microchip Technology Inc.
and its subsidiaries
Summary Data Sheet
DS40002436A-page 11
4.
ECC204 Trust Platform Variants and Provisioning Services
Microchip offers secure provisioning services for the ECC204 through the Trust Platform. It leverages the Trust
Platform Design Suite set of tools (TPDS) and currently offers 3 provisioning flows:
• Trust&GO: Pre-configured and pre-provisioned Secure Elements for fix-function use cases
• TrustFLEX: Pre-configured & provisioned Secure Element with customer-unique credentials
• TrustCUSTOM: Fully customizable Secure Element including configuration and provisioning with customer-
unique credentials
The Trust&GO flow provides pre-configured and pre-provisioned secure elements. These products are defined to
meet common use case applications for customers that do not require unique credentials. These devices are
provided as is and can be ordered directly from Microchip as easily as any standard product.
The TrustFLEX flow leverages the TrustFLEX configurator to input unique customer credentials into a pre-defined
configuration and generate a Secure Exchange Package. This package is, then, deployed via the Microchip Secure
Provisioning System to enable device ordering. Then, only the customer designated in the Secure Exchange
Package can order these devices.
The TrustCUSTOM flow leverages the TrustCUSTOM configurator and provides the ability to fully configure the
ECC204 device to meet the security requirements for a given application. At the end of the process, a Secure
Exchange Package is generated that is deployed to the Microchip Secure Provisioning System. Then, only the
customer designated in the Secure Exchange Package can order these devices.
Important: The Microchip Secure Provisioning System is based on Hardware Security Modules (HSMs).
ECC204 Trust Platform Products
For the ECC204, only TrustFLEX and TrustCUSTOM variants of the products are currently available. The following
devices are currently released versions of ECC204 Trust products. Additional products may be added in the future.
ECC204-TFLXWPC
• The ECC204-TFLXWPC was developed to meet the authentication requirements for Power Transmitters
developed for the Wireless Power Consortium. Microchip is an authorized manufacturing CA of the Wireless
Power Consortium.
ECC204-TFLXAUTH
• The ECC204-TFLXAUTH was developed to meet the authentication requirements for disposable and accessory
applications. The devices provide the ability to do either asymmetric or symmetric authentication.
Table 4-1. ECC204 Trust Platform Ordering Codes(1)
Trust Platform Type
Production Ordering Code
Package Type
Temperature Range
TrustFLEX(2)
ECC204-TFLXWPCU
8-Pad UDFN
Extended Industrial. -40℃ to +105℃
ECC204-TFLXWPCS
8-Pin SOIC
Extended Industrial. -40℃ to +105℃
ECC204-TFLXAUTHU
8-Pad UDFN
Extended Industrial. -40℃ to +105℃
ECC204-TFLXAUTHS
8-Pin SOIC
Extended Industrial. -40℃ to +105℃
TrustCUSTOM(3)
ECC204-TCSMU
8-Pad UDFN
Extended Industrial. -40℃ to +105℃
ECC204-TCSMS
8-Pin SOIC
Extended Industrial. -40℃ to +105℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com