Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECC204 Datasheet(PDF) 10 Page - Microchip Technology

Part # ECC204
Description  ECC204 CryptoAuthentication™ Summary Data Sheet
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECC204 Datasheet(HTML) 10 Page - Microchip Technology

Back Button ECC204 Datasheet HTML 6Page - Microchip Technology ECC204 Datasheet HTML 7Page - Microchip Technology ECC204 Datasheet HTML 8Page - Microchip Technology ECC204 Datasheet HTML 9Page - Microchip Technology ECC204 Datasheet HTML 10Page - Microchip Technology ECC204 Datasheet HTML 11Page - Microchip Technology ECC204 Datasheet HTML 12Page - Microchip Technology ECC204 Datasheet HTML 13Page - Microchip Technology ECC204 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
ECC204
Electrical Characteristics
© 2023 Microchip Technology Inc.
and its subsidiaries
Summary Data Sheet
DS40002436A-page 10
Notes: 
1.
All specifications not shown can be found in the All I/O Interfaces Table 3-1.
2.
The Single-Wire voltage must never be greater than VCC.
3.
This condition is characterized but not production tested.
4.
Operation over the CBUS range is ensured by design and is not production tested.
3.2.3
DC Parameters: Single-Wire Interface – Parasitic Power Mode
Table 3-3. DC Parameters on Parasitic Single-Wire Interface
Unless otherwise indicated, these values are applicable over the specified operating range from TA = -40℃ to +105℃, CMOSen =
'1'
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Max. I/O Voltage(2)
VPUP
2.5
—
5.5
V
—
Output Low Voltage
VOL
—
—
0.4
V
When the device is in Active mode,
VPUP = 2.5V to 3.6V for output-low current = 8.0 mA
Input Low Leakage(4)
IIL
-200
—
200
nA
VIN = GND, VCC_DVC ≥ 1.65V
Input Low Threshold
VIL1
-0.5
—
0.3*VPUP
V
—
Input High Threshold
VIH1
0.7*VPUP
—
VPUP+0.5
V
—
Bus Capacitance
CBUS
—
—
500
pF
—
Notes: 
1.
All specifications not shown can be found in the All I/O Interfaces Table 3-1.
2.
Single-Wire voltage (VPUP) must never be greater than the maximum VPUP operating voltage.
3.
For the lowest system current, the SI/O signal must be driven to VPUP by the host or allowed to be pulled up by
the pull-up resistors.
4.
Input High leakage cannot be measured in parasitic power mode because the device and decoupling capacitor
are charged via the SI/O signal. Low leakage is valid provided device was charged to be within the operational
range.
5.
Operation over the CBUS range is ensured by design and is not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com