Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet (PDF) - Renesas Technology Corp

7549 Datasheet PDF - Renesas Technology Corp
Part # 7549
Download  7549 Download
File Size   1289.39 Kbytes
Page   73 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER

7549 Datasheet (PDF)

Go To PDF Page Download Datasheet
7549 Datasheet PDF - Renesas Technology Corp

Part # 7549
Download  7549 Click to download

File Size   1289.39 Kbytes
Page   73 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER

7549 Datasheet (HTML) - Renesas Technology Corp


7549 Product details

DESCRIPTION
The 7549 Group is the 8-bit microcomputer based on the 740 family core technology.
The 7549 Group has an 8-bit timer, 16-bit timer, serial interface, A/D converter, power-on reset circuit and the low voltage detection circuit. Also, the Function set ROM is equipped.

FEATURES
• Basic machine-language instructions ..................................71
• The minimum instruction execution time ................... 0.25 µs
              (at 8 MHz oscillation frequency, double-speed mode)
• Memory size
   ROM ..................................... 2K, 4K, 6K bytes
   RAM ........................................... 192/256 bytes
• Programmable I/O ports
   I/O port............................................................19
   Output port........................................................1
• Key-on wakeup.......................................................................8
• LED direct drive port..............................................................8
• Interrupts ............................................. 12 sources, 12 vectors
• Timers            ....................................................................... 8-bit × 2
              ..................................................................................16-bit × 1
• Output compare ........................................................ 3 channel
• Input capture ............................................................. 1 channel
• Serial interface............................................................ 8-bit × 1
                                                     (UART or clock synchronous)
• A/D converter ............................ 10-bit resolution × 8-channel
• Clock generating circuit ..................................... Built-in type
   (connect to external ceramic resonator or quartz-crystal oscillator,
                                         32 kHz quartz-crystal oscillation available)
• High-speed on-chip oscillator ............................ Typ. : 4 MHz
• Low-speed on-chip oscillator .......................... Typ. : 250 kHz
• Watchdog timer ...................................................... 16-bit × 1
• Power-on reset circuit.......................................... Built-in type
• Low voltage detection circuit .............................. Built-in type
• Power source voltage
   XIN oscillation frequency
   (at ceramic resonator, in double-speed mode)
      At 8 MHz ........................................ 4.5 to 5.5 V
      At 2 MHz ........................................ 2.4 to 5.5 V
      At 1 MHz ........................................ 2.2 to 5.5 V
   XIN oscillation frequency
   (at ceramic resonator, in high-speed mode)
      At 8 MHz ........................................ 4.0 to 5.5 V
      At 4 MHz ........................................ 2.4 to 5.5 V
      At 1 MHz ........................................ 1.8 to 5.5 V
   High-speed on-chip oscillator oscillation frequency
      At 4 MHz......................................... 4.0 to 5.5 V
   Low-speed on-chip oscillator oscillation frequency
      At 250 kHz (typ. value at VCC = 5V).... 1.8 to 5.5 V
• Power dissipation ........................................................ 30 mW
• Operating temperature range ............................... -20 to 85°C

APPLICATION
  Office automation equipment, factory automation equipment, home electric appliances, consumer electronics, etc.




Similar Part No. - 7549

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7549 RENESAS-7549 Datasheet
1Mb / 84P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
7549 RENESAS-7549 Datasheet
1Mb / 86P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
7549 RENESAS-7549 Datasheet
255Kb / 18P
Standard Characteristics
logo
Molex Electronics Ltd.
75492 MOLEX-75492 Datasheet
318Kb / 3P
1.85 by 1.85mm (.073 by .073?? Pitch GbX* Backplane Connector System in 2, 3, 4 and 5-Pair Columns
75492-1022 MOLEX9-75492-1022 Datasheet
282Kb / 6P
1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Connector System, Power Module, 4 Circuits, 1.27關m (50關) Gold (Au), Lead Free
More results


Similar Description - 7549

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com