Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 3Page - Renesas Technology Corp 7549 Datasheet HTML 4Page - Renesas Technology Corp 7549 Datasheet HTML 5Page - Renesas Technology Corp 7549 Datasheet HTML 6Page - Renesas Technology Corp 7549 Datasheet HTML 7Page - Renesas Technology Corp 7549 Datasheet HTML 8Page - Renesas Technology Corp 7549 Datasheet HTML 9Page - Renesas Technology Corp 7549 Datasheet HTML 10Page - Renesas Technology Corp 7549 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
Rev.2.00
Mar 05, 2007
Page 7 of 70
REJ03B0202-0200
7549 Group
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
GROUP EXPANSION
Renesas plans to expand the 7549 group as follow:
Memory Type
Support for QzROM version and emulator MCU.
Memory Size
• ROM size ...................................................... 2 K to 6 K bytes
• RAM size ..................................................... 192 to 256 bytes
Packages
• PRSP0024GA-A .... 0.8 mm-pitch 24-pin plastic molded SSOP
• 42S1M ......................... 42-pin shrink ceramic PIGGY BACK
Fig 4.
Memory expansion plan
Currently supported products are listed below.
NOTE:
1. ROM size includes the function set ROM.
192
256
6K
4K
2K
0
M37549G1
**
M37549G3
**
RAM size
(bytes)
ROM size
(bytes)
**: Under development
Note: Products under development···the development schedule and
specification may be revised without notice.
M37549G2
**
Table 3
List of supported products
Part number
ROM size (bytes)
ROM size for User ()
RAM size
(bytes)
Package
Remarks
M37549G3-XXXFP
6144
(6014)
256
PRSP0024GA-A
QzROM version
M37549G3FP
QzROM version (blank)
M37549G2-XXXFP
4096
(3966)
256
PRSP0024GA-A
QzROM version
M37549G2FP
QzROM version (blank)
M37549G1-XXXFP
2048
(1918)
192
PRSP0024GA-A
QzROM version
M37549G1FP
QzROM version (blank)
M37549RLSS
−
256
42S1M
Emulator MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com