Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 48Page - Renesas Technology Corp 7549 Datasheet HTML 49Page - Renesas Technology Corp 7549 Datasheet HTML 50Page - Renesas Technology Corp 7549 Datasheet HTML 51Page - Renesas Technology Corp 7549 Datasheet HTML 52Page - Renesas Technology Corp 7549 Datasheet HTML 53Page - Renesas Technology Corp 7549 Datasheet HTML 54Page - Renesas Technology Corp 7549 Datasheet HTML 55Page - Renesas Technology Corp 7549 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 73 page
background image
Rev.2.00
Mar 05, 2007
Page 52 of 70
REJ03B0202-0200
7549 Group
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
Fig 68. When using programmer of Suisei Electronics System Co., LTD, connection example
7549 Group
Set the same termination as
the single-chip mode.
Vcc
P10 (ESDA)
RESET
Vss
P21/XIN P20/XOUT
Note: For the programming circuit, the wiring capacity of each signal pin must not exceed 47 pF.
CNVSS
T_VDD
T_VPP
T_RXD
T_SCLK
T_PGM/OE/MD
RESET circuit
T_RESET
GND
4.7 k
Ω
4.7 k
Ω
T_TXD
T_BUSY
N.C.
P06 (ESCLK)
P07 (ESPGMB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com