Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 59Page - Renesas Technology Corp 7549 Datasheet HTML 60Page - Renesas Technology Corp 7549 Datasheet HTML 61Page - Renesas Technology Corp 7549 Datasheet HTML 62Page - Renesas Technology Corp 7549 Datasheet HTML 63Page - Renesas Technology Corp 7549 Datasheet HTML 64Page - Renesas Technology Corp 7549 Datasheet HTML 65Page - Renesas Technology Corp 7549 Datasheet HTML 66Page - Renesas Technology Corp 7549 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 73 page
background image
Rev.2.00
Mar 05, 2007
Page 63 of 70
REJ03B0202-0200
7549 Group
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
Electrical characteristics (2)
(VCC = 1.8 to 5.5V, VSS = 0 V, Ta =
−20 to 85 °C, unless otherwise noted)
Symbol
Parameter
Test conditions
Limits
Min.
Typ.
Max.
Unit
Icc
Power
source
current
f(XIN)=8 MHz (ceramic resonator)
· Vcc = 5.0 V
· High-speed on-chip oscillator: stop
· Low-speed on-chip oscillator: stop
· Output transistors “off”
· Low voltage detection circuit: enable
Low-speed on-chip oscillator: oscillation
· Vcc = 5.0 V
· High-speed on-chip oscillator: stop
· XIN: stop
· Output transistors “off”
· Low voltage detection circuit: enable
Increment when A/D conversion is executed
f(XIN) = 8 MHz,, Vcc = 5.0 V
Stop mode
· Output transistors “off”
· Low-speed on-chip oscillator: stop
· Low voltage detection circuit: stop
Ta = 25 °C
Ta = 85 °C
Double-speed mode
5.2
2.5
µA
µA
mA
Low-speed mode
1.7
0.6
mA
High-speed on-chip oscillator: oscillation
· Vcc = 5.0 V
· Low-speed on-chip oscillator: stop
· XIN: stop
· Output transistors “off”
· Low voltage detection circuit: enable
1.0
0.35
mA
f(XIN) = 2 MHz (ceramic resonator)
· Vcc = 2.0 V
· High-speed on-chip oscillator: stop
· Low-speed on-chip oscillator: stop
· Output transistors “off”
· Low voltage detection circuit: enable
Low-speed on-chip oscillator: oscillation
· Vcc = 2.0 V
· High-speed on-chip oscillator: stop
· XIN: stop
· Output transistors “off”
· Low voltage detection circuit: enable
Low-speed mode
70
25
µA
60
23
µA
0.5
mA
1.0
0.1
10
Wait mode, functions except
timer 1 disabled
Wait mode, functions except
timer 1 disabled
f(XCIN)=32.768 kHz
· Vcc = 5.0 V
· High-speed on-chip oscillator: stop
· Low-speed on-chip oscillator: stop
· Output transistors “off”
· Low voltage detection circuit: enable
f(XCIN) = 32.768 kHz
· Vcc = 2.0 V
· High-speed on-chip oscillator: stop
· Low-speed on-chip oscillator: stop
· Output transistors “off”
· Low voltage detection circuit: enable
Low-speed mode
450
190
µA
430
150
µA
Wait mode, functions except
timer 1 disabled
Low-speed mode
65
24
µA
55
23
µA
Wait mode, functions except
timer 1 disabled
Low voltage detection circuit self
consumption current
Ta = 25 °C
Vcc = 2.0 V
Ta = 25 °C
Vcc = 5.0 V
70
20
µA
µA
Double-speed mode
600
230
µA
Low-speed mode
400
120
µA
350
105
µA
Wait mode, functions except
timer 1 disabled
Double-speed mode
10
6.0
mA
Low-speed mode
6.0
2.6
mA
5.0
1.9
mA
Wait mode, functions except
timer 1 disabled
Double-speed mode
200
100
µA
Low-speed mode
180
85
µA
170
80
µA
Wait mode, functions except
timer 1 disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com