Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 60Page - Renesas Technology Corp 7549 Datasheet HTML 61Page - Renesas Technology Corp 7549 Datasheet HTML 62Page - Renesas Technology Corp 7549 Datasheet HTML 63Page - Renesas Technology Corp 7549 Datasheet HTML 64Page - Renesas Technology Corp 7549 Datasheet HTML 65Page - Renesas Technology Corp 7549 Datasheet HTML 66Page - Renesas Technology Corp 7549 Datasheet HTML 67Page - Renesas Technology Corp 7549 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 73 page
background image
Rev.2.00
Mar 05, 2007
Page 64 of 70
REJ03B0202-0200
7549 Group
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
A/D Converter Characteristics
A/D Converter characteristics
(VCC = 2.7 to 5.5 V, VSS = 0 V, Ta =
−20 to 85 °C, unless otherwise noted)
A/D Converter Recommended Operating Conditions
(VCC = 2.7 to 5.5 V, VSS = 0 V, Ta =
−20 to 85 °C, unless otherwise noted)
NOTE:
1. When XCIN or the low-speed on-chip oscillator is selected as
φSOURCE, the A/D converter cannot be used.
Symbol
Test conditions
Limits
Min.
Typ.
Max.
Unit
10
bits
k
Ω
55
Parameter
Resolution
Absolute accuracy
(excluding quantization error)
Conversion time
Ladder resistor
A/D port input current
5.0
µA
tCONV
RLADDER
II(AD)
tc(
φSOURCE)
122
tc(
φSOURCE)
61
A/D conversion clock = f(
φSOURCE)
A/D conversion clock = f(
φSOURCE)/2
LSB
Ta =
−20−85 °C, 2.7 ≤ Vcc ≤ 5.5V
TBD
Symbol
Parameter
Test conditions
Limits
Unit
A/D conversion clock
frequency (Note)
φ(AD)
MHz
4.0
≤ Vcc ≤ 5.5 V
TBD
8
MHz
TBD
4
2.7
≤ Vcc < 4.0 V
Power source voltage
Ta =
−20−85 °C
Min.
Typ.
Max.
2.7
5.5
V
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com