Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 36Page - Renesas Technology Corp 7549 Datasheet HTML 37Page - Renesas Technology Corp 7549 Datasheet HTML 38Page - Renesas Technology Corp 7549 Datasheet HTML 39Page - Renesas Technology Corp 7549 Datasheet HTML 40Page - Renesas Technology Corp 7549 Datasheet HTML 41Page - Renesas Technology Corp 7549 Datasheet HTML 42Page - Renesas Technology Corp 7549 Datasheet HTML 43Page - Renesas Technology Corp 7549 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 73 page
background image
Rev.2.00
Mar 05, 2007
Page 40 of 70
REJ03B0202-0200
7549 Group
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
• Notes on Watchdog Timer
(1) The watchdog timer operates in wait mode. To prevent
underflow, write to the watchdog timer control register.
The watchdog timer stops in stop mode, but starts counting
at the same time as exiting stop mode. After exiting stop
mode, it continues counting during oscillation stabilization
time. To prevent underflow during the period, the watchdog
timer H count source selection bit (bit 7) in the watchdog
timer control register (address 003916) should be set to “0”
before executing the STP instruction.
Note that the watchdog timer continues counting even if the
STP instruction is executed in the following two conditions:
1
Stopping the low-speed on-chip oscillator: Disabled (bit
4 in FSROM2)
Source clock of the watchdog timer: Low-speed on-chip
oscillator/16 (bit 0 in FSROM2)
2
Stopping the low-speed on-chip oscillator: Disabled (bit
4 in FSROM2)
Source clock of the watchdog timer:
φSOURCE (bit 0 in
FSROM2)
φSOURCE: Low-speed on-chip oscillator (bits 5 and 4 in
CLKM)
(2) STP instruction function selection bit
The function of the STP instruction can be selected by the bit
2 in FSROM2. This bit cannot be used for rewriting by
executing the STP instruction.
• When this bit is set to “0”, stop mode is entered by
executing the STP instruction.
• When this bit is set to “1”, internal reset occurs by
executing the STP instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com