Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 64Page - Renesas Technology Corp 7549 Datasheet HTML 65Page - Renesas Technology Corp 7549 Datasheet HTML 66Page - Renesas Technology Corp 7549 Datasheet HTML 67Page - Renesas Technology Corp 7549 Datasheet HTML 68Page - Renesas Technology Corp 7549 Datasheet HTML 69Page - Renesas Technology Corp 7549 Datasheet HTML 70Page - Renesas Technology Corp 7549 Datasheet HTML 71Page - Renesas Technology Corp 7549 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 73 page
background image
Rev.2.00
Mar 05, 2007
Page 68 of 70
REJ03B0202-0200
7549 Group
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
Switching Characteristics
Switching characteristics (1)
(VCC = 4.0 to 5.5 V, VSS = 0 V, Ta =
−20 to 85 °C, unless otherwise noted)
NOTE:
1. Pin XOUT is excluded.
Switching characteristics (2)
(VCC = 2.4 to 5.5 V, VSS = 0 V, Ta =
−20 to 85 °C, unless otherwise noted)
NOTE:
1. Pin XOUT is excluded.
Switching characteristics (3)
(VCC = 1.8 to 5.5 V, VSS = 0 V, Ta =
−20 to 85 °C, unless otherwise noted)
NOTE:
1. Pin XOUT is excluded.
Fig 82. Switching characteristics measurement circuit diagram
tWH(SCLK)
tWL(SCLK)
td(SCLK-TXD)
tV(SCLK-TXD)
tr(SCLK)
tf(SCLK)
tr(CMOS)
tf(CMOS)
Serial I/O clock output “H” pulse width
Serial I/O clock output “L” pulse width
Serial I/O output delay time
Serial I/O output valid time
Serial I/O clock output rising time
Serial I/O clock output falling time
CMOS output rising time (Note 1)
CMOS output falling time (Note 1)
Symbol
Parameter
Limits
Unit
Min.
tC(SCLK)/2
−30
tC(SCLK)/2
−30
−30
Typ.
10
10
ns
ns
ns
ns
ns
ns
ns
ns
Max.
140
30
30
30
30
tWH(SCLK)
tWL(SCLK)
td(SCLK-TXD)
tV(SCLK-TXD)
tr(SCLK)
tf(SCLK)
tr(CMOS)
tf(CMOS)
Serial I/O clock output “H” pulse width
Serial I/O clock output “L” pulse width
Serial I/O output delay time
Serial I/O output valid time
Serial I/O clock output rising time
Serial I/O clock output falling time
CMOS output rising time (Note 1)
CMOS output falling time (Note 1)
Symbol
Parameter
Limits
Unit
Min.
tC(SCLK)/2
−50
tC(SCLK)/2
−50
−30
Typ.
20
20
ns
ns
ns
ns
ns
ns
ns
ns
Max.
350
50
50
50
50
tWH(SCLK)
tWL(SCLK)
td(SCLK-TXD)
tV(SCLK-TXD)
tr(SCLK)
tf(SCLK)
tr(CMOS)
tf(CMOS)
Serial I/O clock output “H” pulse width
Serial I/O clock output “L” pulse width
Serial I/O output delay time
Serial I/O output valid time
Serial I/O clock output rising time
Serial I/O clock output falling time
CMOS output rising time (Note 1)
CMOS output falling time (Note 1)
Symbol
Parameter
Limits
Unit
Min.
tC(SCLK)/2
−70
tC(SCLK)/2
−70
−30
Typ.
25
25
ns
ns
ns
ns
ns
ns
ns
ns
Max.
450
70
70
70
70
Measured
output pin
100pF
CMOS output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com