Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 16Page - Renesas Technology Corp 7549 Datasheet HTML 17Page - Renesas Technology Corp 7549 Datasheet HTML 18Page - Renesas Technology Corp 7549 Datasheet HTML 19Page - Renesas Technology Corp 7549 Datasheet HTML 20Page - Renesas Technology Corp 7549 Datasheet HTML 21Page - Renesas Technology Corp 7549 Datasheet HTML 22Page - Renesas Technology Corp 7549 Datasheet HTML 23Page - Renesas Technology Corp 7549 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 73 page
background image
Rev.2.00
Mar 05, 2007
Page 20 of 70
REJ03B0202-0200
7549 Group
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
Interrupts
Interrupts occur by 13 different sources : 5 external sources, 7
internal sources and 1 software source.
• Interrupt control
All interrupts except the BRK instruction interrupt have an
interrupt request bit and an interrupt enable bit, and they are
controlled by the interrupt disable flag. When the interrupt
enable bit and the interrupt request bit are set to “1” and the
interrupt disable flag is set to “0”, an interrupt is accepted.
The interrupt request bit can be cleared by program but not be
set.
The interrupt enable bit can be set and cleared by program.
The reset and BRK instruction interrupt can never be disabled
with any flag or bit. All interrupts except these are disabled when
the interrupt disable flag is set.
When several interrupts occur at the same time, the interrupts are
received according to priority.
• Interrupt operation
Upon acceptance of an interrupt the following operations are
automatically performed:
1. The processing being executed is stopped.
2. The contents of the program counter and processor status
register are automatically pushed onto the stack.
3. The interrupt disable flag is set and the corresponding inter-
rupt request bit is cleared.
4. Concurrently with the push operation, the interrupt destina-
tion address is read from the vector table into the program
counter.
[Interrupt edge selection register] INTEDGE
The valid edge of external interrupt INT0 and INT1 can be
selected by the interrupt edge selection bit, respectively.
[Key-on wakeup input selection register] KEYS
Either of enable or disable of key-on wakeup for pins P10 to P17
can be selected by the key-on wakeup input selection bit,
respectively.
Fig 18. Structure of key-on wakeup input selection
register
• Notes on use
(1) When setting the followings, the interrupt request bit may be
set to “1”.
• When switching external interrupt active edge related register:
Interrupt edge selection register (address 003A16)
Capture mode register (address 003216)
When not requiring the interrupt occurrence synchronized with
these setting, take the following sequence.
1. Set the corresponding interrupt enable bit to “0” (disabled).
2. Set the interrupt edge select bit (active edge switch bit, trig-
ger mode bit).
3. Set the corresponding interrupt request bit to “0” after 1 or
more instructions have been executed.
4. Set the corresponding interrupt enable bit to “1” (enabled).
b7
b0
Key-on wakeup input selection register
KEYS (000F16), initial value: 0016
Port P10 key-on wakeup input selection bit
Port P11 key-on wakeup input selection bit
Port P12 key-on wakeup input selection bit
Port P13 key-on wakeup input selection bit
Port P14 key-on wakeup input selection bit
Port P15 key-on wakeup input selection bit
Port P16 key-on wakeup input selection bit
Port P17 key-on wakeup input selection bit
0: Disable
1: Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com