Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 42Page - Renesas Technology Corp 7549 Datasheet HTML 43Page - Renesas Technology Corp 7549 Datasheet HTML 44Page - Renesas Technology Corp 7549 Datasheet HTML 45Page - Renesas Technology Corp 7549 Datasheet HTML 46Page - Renesas Technology Corp 7549 Datasheet HTML 47Page - Renesas Technology Corp 7549 Datasheet HTML 48Page - Renesas Technology Corp 7549 Datasheet HTML 49Page - Renesas Technology Corp 7549 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 73 page
background image
Rev.2.00
Mar 05, 2007
Page 46 of 70
REJ03B0202-0200
7549 Group
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
• Stop mode
When the STP instruction is executed, the internal clock
φ stops
at an “H” level and the XIN/XCIN and on-chip oscillator stops. At
this time, timer 1 is set to “0116” and prescaler 12 is set to “FF16”
when the oscillation stabilization time set bit after release of the
STP instruction is “0”. On the other hand, timer 1 and prescaler
12 are not set when the above bit is “1”. Accordingly, set the wait
time fit for the oscillation stabilization time of the oscillator to be
used. When an external interrupt is accepted, oscillation is
restarted but the internal clock
φ remains at “H” until timer 1
underflows. As soon as timer 1 underflows, the internal clock
φ
is supplied. This is because when a ceramic resonator is used,
some time is required until a start of oscillation. In case
oscillation is restarted by reset, no wait time is generated. So
apply an “L” level to the RESET pin while oscillation becomes
stable, or set the wait time by on-chip oscillator operation after
system is released from reset until the oscillation is stabled.
•Wait mode
If the WIT instruction is executed, the internal clock
φ stops at an
“H” level, but the oscillator does not stop. The internal clock
restarts if a reset occurs or when an interrupt is received. Since
the oscillator does not stop, normal operation can be started
immediately after the clock is restarted. To ensure that interrupts
will be received to release the STP or WIT state, interrupt enable
bits must be set to “1” before the STP or WIT instruction is
executed.
• Note on Oscillation Control
For use with the oscillation stabilization set bit after release of
the STP instruction set to “1”, set values in timer 1 and prescaler
12 after fully appreciating the oscillation stabilization time of the
oscillator to be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com