Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 28Page - Renesas Technology Corp 7549 Datasheet HTML 29Page - Renesas Technology Corp 7549 Datasheet HTML 30Page - Renesas Technology Corp 7549 Datasheet HTML 31Page - Renesas Technology Corp 7549 Datasheet HTML 32Page - Renesas Technology Corp 7549 Datasheet HTML 33Page - Renesas Technology Corp 7549 Datasheet HTML 34Page - Renesas Technology Corp 7549 Datasheet HTML 35Page - Renesas Technology Corp 7549 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 73 page
background image
Rev.2.00
Mar 05, 2007
Page 32 of 70
REJ03B0202-0200
7549 Group
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
Fig 39. Block diagram of capture channel 0
Fig 40. Capture input waveform (capture interrupt edge selection bit = “rising edge”)
Fig 41. Capture input waveform (capture interrupt edge selection bit = “rising and falling edge”)
Data bus
Capture register
Capture/Compare
register RW pointer
(001216, bits 0-2)
Capture latch 0 (16)
Capture trigger
Capture pointer
Capture latch 0x
software trigger bits
(003116, bits 0, 1)
P03/
CAP0
Capture latch 00 (16) Capture latch 01 (16)
Rising
Falling
Capture 0 interrupt
edge selection bits
(003216, bits 0, 1)
Capture Interrupt
Timer A counter (16)
Digital filter
Capture 0 status bit
(002F16, bit 3)
Low-speed on-chip
oscillator/16
Capture 0 noise filter
clock selection bits
(003216, bits 2, 3)
Capture 0 input
port selection bit
(002E16, bit 0)
Timer A underflow
Capture input wave
Timer A count value
Capture latch 00
000B
000C
000D
000E
000F
0000
0002
0003
0004
0005
0006
0007
0008
0009
000B
000C
XXXX
Re-load the timer A count value
Capture latch 01
Capture 0 interrupt
Capture 0 status bit
XXXX
1
0
1
000A
0001
000C
0005
000F
01
0
Overwrite
0001
000A
Timer A underflow
000B
000C
000D
000E
000F
0000
0001
0002
0003
0004
0005
0006
0007
0008
0009
000A
000B
000C
XXXX
XXXX
1
0
1
000A
0001
000C
0005
000F
01
0
Capture input wave
Timer A count value
Capture latch 00
Capture latch 01
Capture 0 interrupt
Capture 0 status bit
Re-load the timer A count value
Overwrite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com