Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 1 Page - Renesas Technology Corp

  7549 Datasheet HTML 1Page - Renesas Technology Corp 7549 Datasheet HTML 2Page - Renesas Technology Corp 7549 Datasheet HTML 3Page - Renesas Technology Corp 7549 Datasheet HTML 4Page - Renesas Technology Corp 7549 Datasheet HTML 5Page - Renesas Technology Corp 7549 Datasheet HTML 6Page - Renesas Technology Corp 7549 Datasheet HTML 7Page - Renesas Technology Corp 7549 Datasheet HTML 8Page - Renesas Technology Corp 7549 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
Rev.2.00
Mar 05, 2007
Page 1 of 70
REJ03B0202-0200
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
DESCRIPTION
The 7549 Group is the 8-bit microcomputer based on the 740
family core technology.
The 7549 Group has an 8-bit timer, 16-bit timer, serial interface,
A/D converter, power-on reset circuit and the low voltage
detection circuit. Also, the Function set ROM is equipped.
FEATURES
• Basic machine-language instructions ..................................71
• The minimum instruction execution time ................... 0.25
µs
(at 8 MHz oscillation frequency, double-speed mode)
• Memory size
ROM ................................... 2 K, 4K, 6 K bytes
RAM ........................................... 192/256 bytes
• Programmable I/O ports
I/O port............................................................19
Output port........................................................1
• Key-on wakeup .......................................................................8
• LED direct drive port..............................................................8
• Interrupts ............................................. 13 sources, 13 vectors
• Timers ....................................................................... 8-bit × 2
..................................................................................16-bit × 1
• Output compare ........................................................ 3 channel
• Input capture ............................................................. 1 channel
• Serial interface............................................................ 8-bit × 1
(UART or clock synchronous)
• A/D converter ............................ 10-bit resolution × 8-channel
• Clock generating circuit ..................................... Built-in type
(connect to external ceramic resonator or quartz-crystal oscillator,
32 kHz quartz-crystal oscillation available)
• High-speed on-chip oscillator ............................ Typ. : 4 MHz
• Low-speed on-chip oscillator .......................... Typ. : 250 kHz
• Watchdog timer ...................................................... 16-bit × 1
• Power-on reset circuit.......................................... Built-in type
• Low voltage detection circuit .............................. Built-in type
• Power source voltage
XIN oscillation frequency
(at ceramic resonator, in double-speed mode)
At 8 MHz ........................................ 4.5 to 5.5 V
At 2 MHz ........................................ 2.4 to 5.5 V
At 1 MHz ........................................ 2.2 to 5.5 V
XIN oscillation frequency
(at ceramic resonator, in high-speed mode)
At 8 MHz ........................................ 4.0 to 5.5 V
At 4 MHz ........................................ 2.4 to 5.5 V
At 1 MHz ........................................ 1.8 to 5.5 V
High-speed on-chip oscillator oscillation frequency
At 4 MHz......................................... 4.0 to 5.5 V
Low-speed on-chip oscillator oscillation frequency
At 250 kHz (typ. value at VCC = 5V).... 1.8 to 5.5 V
• Power dissipation ........................................................ 30 mW
• Operating temperature range ............................... -20 to 85
°C
APPLICATION
Office automation equipment, factory automation equipment,
home electric appliances, consumer electronics, etc.
7549 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
REJ03B0202-0200
Rev.2.00
Mar 05, 2007


Similar Part No. - 7549

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7549 RENESAS-7549 Datasheet
1Mb / 84P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
7549 RENESAS-7549 Datasheet
1Mb / 86P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
7549 RENESAS-7549 Datasheet
255Kb / 18P
Standard Characteristics
logo
Molex Electronics Ltd.
75492 MOLEX-75492 Datasheet
318Kb / 3P
1.85 by 1.85mm (.073 by .073?? Pitch GbX* Backplane Connector System in 2, 3, 4 and 5-Pair Columns
75492-1022 MOLEX9-75492-1022 Datasheet
282Kb / 6P
1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Connector System, Power Module, 4 Circuits, 1.27關m (50關) Gold (Au), Lead Free
More results

Similar Description - 7549

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com