Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 65Page - Renesas Technology Corp 7549 Datasheet HTML 66Page - Renesas Technology Corp 7549 Datasheet HTML 67Page - Renesas Technology Corp 7549 Datasheet HTML 68Page - Renesas Technology Corp 7549 Datasheet HTML 69Page - Renesas Technology Corp 7549 Datasheet HTML 70Page - Renesas Technology Corp 7549 Datasheet HTML 71Page - Renesas Technology Corp 7549 Datasheet HTML 72Page - Renesas Technology Corp 7549 Datasheet HTML 73Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 70 / 73 page
background image
Rev.2.00
Mar 05, 2007
Page 70 of 70
REJ03B0202-0200
7549 Group
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
PACKAGE OUTLINE
F
1
12
13
24
*2
*3
Index mark
y
e
bp
D
c
Detail F
A1
A2
INCLUDE TRIM OFFSET.
DIMENSION "
*3" DOES NOT
NOTE)
DO NOT INCLUDE MOLD FLASH.
DIMENSIONS "
*1" AND "*2"
1.
2.
A1
0
0.1
0.2
Previous Code
JEITA Package Code
RENESAS Code
PRSP0024GA-A
24P2Q-A
MASS[Typ.]
0.2g
P-SSOP24-5.3x10.1-0.80
0.25
0.2
0.18
0.45
0.35
0.3
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
10.2
10.1
10.0
D
5.4
5.3
5.2
E
1.8
A2
8.1
7.8
7.5
2.1
A
0.8
0.6
0.4
L
8°
0°
c
0.8
e
0.10
y
HE
bp
0.65
0.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com