Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 10Page - Renesas Technology Corp 7549 Datasheet HTML 11Page - Renesas Technology Corp 7549 Datasheet HTML 12Page - Renesas Technology Corp 7549 Datasheet HTML 13Page - Renesas Technology Corp 7549 Datasheet HTML 14Page - Renesas Technology Corp 7549 Datasheet HTML 15Page - Renesas Technology Corp 7549 Datasheet HTML 16Page - Renesas Technology Corp 7549 Datasheet HTML 17Page - Renesas Technology Corp 7549 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 73 page
background image
Rev.2.00
Mar 05, 2007
Page 14 of 70
REJ03B0202-0200
7549 Group
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
Fig 10. Structure of Function set ROM data 0
Fig 11. Structure of Function set ROM data 1
Fig 12. Structure of Function set ROM data 2
Low voltage detection circuit valid bit
0: Low voltage detection circuit invalid
1: Low voltage detection circuit valid
Set “0” to this bit certainly.
Set “1” to this bit certainly.
b7
Function set ROM data 0
(FSROM0: address FFD816)
b0
Oscillation method selection bits (Note 1)
b1 b0
0 0: Clock pins not used (P20/XOUT and P21/XIN are used as
I/O ports)
0 1: Ceramic resonator or quarts-crystal oscillator
1 0: 32 kHz quarts-crystal oscillator
1 1: External clock input (P21/XIN pin is used as I/O port)
Low voltage detection circuit valid bit in the stop mode (Note 2)
0: Low voltage detection circuit invalid in the stop mode
1: Low voltage detection circuit valid in the stop mode
Set “0” to these bits certainly.
Set “1” to this bit certainly.
b7
Function set ROM data 1
FSROM1 (FFD916)
b0
Notes 1: The P20/XOUT and P21/XIN pins build in an on-chip oscillator. Even if these pins are used
as I/O ports, the oscillator circuit is enabled when the MCU’s Vcc voltage drops below
the operation limit voltage. In this case these pins may output undefined values.
2: When the Low voltage detection circuit is set to be valid in the stop mode, the dissipation
current in the stop mode is increased.
Watchdog timer source clock selection bit
0 : Low-speed on-chip oscillator/16
1 : System clock/16
Watchdog timer start selection bit
0 : Start watchdog timer
1 : Stop watchdog timer
Watchdog timer H count source initial value
selection bit
0 : Initial value of bit 7 of WDTCON
after reset release is “0”
1 : Initial value of bit 7 of WDTCON
after reset release is “1”
STP instruction function selection bit
0 : System enters into the stop mode
at the STP instruction execution
1 : Internal reset occurs at the STP
instruction execution
Low-speed on-chip oscillator control bit
(Note 1)
0 : Stop of low-speed on-chip oscillator
disabled
1 : Stop of low-speed on-chip oscillator
enabled
Set “0” to these bits certainly.
b7
Function set ROM data 2
FSROM2 (FFDA16)
b0
Note 1: If “0” is set to this bit, it is not possible to write “1” to bit 0 in the clock
mode register. Also, the low-speed on-chip oscillator does not stop
even if the STP instruction is executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com