Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 49Page - Renesas Technology Corp 7549 Datasheet HTML 50Page - Renesas Technology Corp 7549 Datasheet HTML 51Page - Renesas Technology Corp 7549 Datasheet HTML 52Page - Renesas Technology Corp 7549 Datasheet HTML 53Page - Renesas Technology Corp 7549 Datasheet HTML 54Page - Renesas Technology Corp 7549 Datasheet HTML 55Page - Renesas Technology Corp 7549 Datasheet HTML 56Page - Renesas Technology Corp 7549 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 73 page
background image
Rev.2.00
Mar 05, 2007
Page 53 of 70
REJ03B0202-0200
7549 Group
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
NOTES ON PROGRAMMING
(1) Processor Status Register
The contents of the processor status register (PS) after reset are
undefined except for the interrupt disable flag I which is “1”.
After reset, initialize flags which affect program execution. In
particular, it is essential to initialize the T flag and the D flag
because of their effect on calculations.
(2) Interrupts
The contents of the interrupt request bit do not change even if the
BBC or BBS instruction is executed immediately after they are
changed by program because this instruction is executed for the
previous contents. For executing the instruction for the changed
contents, execute one instruction before executing the BBC or
BBS instruction.
(3) Decimal Calculations
• For calculations in decimal notation, set the decimal mode
flag D to “1”, then execute the ADC instruction or SBC
instruction. In this case, execute SEC instruction, CLC
instruction or CLD in-struction after executing one
instruction before the ADC instruction or SBC instruction.
• In the decimal mode, the values of the N (negative), V
(overflow) and Z (zero) flags are invalid.
(4) Ports
The values of the port direction registers cannot be read. That is,
it is impossible to use the LDA instruction, memory operation
instruction when the T flag is “1”, addressing mode using
direction register values as qualifiers, and bit test instructions
such as BBC and BBS.
It is also impossible to use bit operation instructions such as CLB
and SEB and read/modify/write instructions of direction registers
for calculations such as ROR.
For setting direction registers, use the LDM instruction, STA in-
struction, etc.
(5) A/D Conversion
Do not execute the STP instruction during A/D conversion.
(6) Instruction Execution Timing
The instruction execution time can be obtained by multiplying
the frequency of the internal clock
φ by the number of cycles
mentioned in the machine-language instruction table.
The frequency of the internal clock
φ is the same as that of the
φSOURCE in double-speed mode, twice the φSOURCE cycle in
high-speed mode, 4 times the
φSOURCE cycle in middle-speed
mode and 8 times the
φSOURCE cycle in low-speed mode.
(7) CPU Mode Register
The processor mode bits can be written only once after releasing
reset. Always set them to “002”. After written, rewriting any data
to these bits is disabled because they are locked. (Emulator MCU
is excluded.)
Also, the stack page bit (bit 2) is not locked.
In order to prevent error-writing to the processor mode bits (at
program runaway), write the CPU mode register at the start of
the program that runs after releasing reset.
(8) State transition
Do not stop the clock selected as the operation clock because of
setting of bits 0 to 2.
NOTES ON HARDWARE
(1) Handling of Power Source Pin
In order to avoid a latch-up occurrence, connect a capacitor
suitable for high frequencies as bypass capacitor between power
source pin (VCC pin) and GND pin (VSS pin). A ceramic
capacitor of 0.01
µF to 0.1 µF is recommended.
Connect a capacitor across the power source pin and GND pin
with the shortest possible wiring.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com