Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 38Page - Renesas Technology Corp 7549 Datasheet HTML 39Page - Renesas Technology Corp 7549 Datasheet HTML 40Page - Renesas Technology Corp 7549 Datasheet HTML 41Page - Renesas Technology Corp 7549 Datasheet HTML 42Page - Renesas Technology Corp 7549 Datasheet HTML 43Page - Renesas Technology Corp 7549 Datasheet HTML 44Page - Renesas Technology Corp 7549 Datasheet HTML 45Page - Renesas Technology Corp 7549 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 73 page
background image
Rev.2.00
Mar 05, 2007
Page 42 of 70
REJ03B0202-0200
7549 Group
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
Fig 56. Timing diagram at reset
Notes 1: X : Undefined
2: The content of other registers is undefined when the microcomputer is reset.
The initial values must be surely set before you use it.
3: Do not access to the SFR area including nothing.
4: When the setting by the function set ROM data 2 (FSROM2) is performed,
the initial values of this bit at reset are changed.
001016
001116
001216
001316
001416
001516
Port P0 pull-up control register (PULL0)
Port P1 pull-up control register (PULL1)
001916
Serial I/O status register (SIOSTS)
001A16
Serial I/O control register (SIOCON)
001B16
UART control register (UARTCON)
003016
003116
003216
003416
AD control register (ADCON)
003716
003816
Oscillation stop detection register (CLKSTP)
003916
Watchdog timer control register (WDTCON)
003A16
Interrupt edge selection register (INTEDGE)
003B16
CPU mode register (CPUM)
003C16
Interrupt request register 1 (IREQ1)
003D16
Interrupt request register 2 (IREQ2)
003E16
Interrupt control register 1 (ICON1)
003F16
Interrupt control register 2 (ICON2)
Clock mode register (CLKM)
Port P0 drive capacity control register (DCCR)
000116
Port P0 direction register (P0D)
000316
000516
000716
000C16
000D16
000E16
000F16
Timer A (low-order) (TAL)
Timer A (high-order) (TAH)
002816
Prescaler 12 (PRE12)
002916
Timer 1 (T1)
002A16
002B16
002C16
002D16
002E16
Timer count source set register (TCSS)
002F16
Port P1 direction register (P1D)
Port P2 direction register (P2D)
Port P3 direction register (P3D)
Capture/Compare register (low-order) (CRAL)
Key-on wakeup input selection register (KEYS)
Capture/Compare register (high-order) (CRAH)
Capture/Compare register R/W pointer (CCRP)
Compare output mode register (CMOM)
Compare register re-load register (CMPR)
Capture/Compare port register (CCPR)
Capture/Compare status register (CCSR)
Capture software trigger register (CSTR)
Compare interrupt source set register (CISR)
Capture mode register (CAPM)
Timer mode register (TM)
Timer 2 (T2)
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
(12)
(13)
(14)
(15)
(16)
(17)
(18)
(19)
(20)
(21)
(22)
(23)
(24)
(25)
(26)
(27)
(28)
(29)
(30)
(31)
(32)
(33)
(34)
(35)
(36)
(37)
(38)
0016
0016
0016
0016
0016
0016
0016
0016
1
0
0
0
0
0
0
0
1
1
1
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
1
0
Note4
0
0016
0016
FF16
FF16
FF16
FF16
1
1
1
1
1
1
0
0
0
0
0
0
0
1
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com