Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 14Page - Renesas Technology Corp 7549 Datasheet HTML 15Page - Renesas Technology Corp 7549 Datasheet HTML 16Page - Renesas Technology Corp 7549 Datasheet HTML 17Page - Renesas Technology Corp 7549 Datasheet HTML 18Page - Renesas Technology Corp 7549 Datasheet HTML 19Page - Renesas Technology Corp 7549 Datasheet HTML 20Page - Renesas Technology Corp 7549 Datasheet HTML 21Page - Renesas Technology Corp 7549 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 73 page
background image
Rev.2.00
Mar 05, 2007
Page 18 of 70
REJ03B0202-0200
7549 Group
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
Fig 17. Block diagram of pins (2)
Compare output
port selection bit
Compare output
Port latch
(10) Port P13
Timer2 output
P13/T2OUT output valid bit
A/D converter
input
Key-on wakeup input selection bit
Analog input pin selection bit
Key input interrupt
(11) Port P14 - P17
(Note)
(12) Port P20, P21
Pull-up control at STP
P20/XOUT/XCOUT
Oscillation mode selection bit
(function set ROM data 1)
P21/XIN/XCIN
Note: Set to “1” the port P20 direction register.
Clock input
(13) Port P30, P31
(14) CNVss
Mode setting signal
input
QzROM programming
power supply
Reset signal input
(15) RESET
(9) Port P10, P11, P12
Data bus
Pull-up control bit
Direction
register
Pull-up control bit
Direction
register
Port latch
Data bus
Direction
register
Port latch
Data bus
Data bus
Pull-up control bit
Direction
register
Port latch
Direction
register
Port latch
Data bus
Key-on wakeup input selection bit
Analog input pin selection bit
Key-on wakeup input selection bit
Analog input pin selection bit
A/D converter
input
Key input interrupt
A/D converter
input
Key input interrupt
Direction
register
Port latch
Data bus
represents a parasitic diode.
No current flow is possible. Ensure that the input voltage
to each pin does not exceed the absolute maximum rating.
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com