Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA50KG Datasheet (PDF) - STMicroelectronics

STM32WBA50KG Datasheet PDF - STMicroelectronics
Part # STM32WBA50KG
Download  STM32WBA50KG Download
File Size   1279.42 Kbytes
Page   110 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with FPU, Bluetooth® 5.4 radio solution

STM32WBA50KG Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32WBA50KG Datasheet PDF - STMicroelectronics

Part # STM32WBA50KG
Download  STM32WBA50KG Click to download

File Size   1279.42 Kbytes
Page   110 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with FPU, Bluetooth® 5.4 radio solution

STM32WBA50KG Datasheet (HTML) - STMicroelectronics


STM32WBA50KG Product details

Features
• Includes ST state-of-the-art patented
technology
• Ultra-low power radio
– 2.4 GHz radio
– RF transceiver supporting Bluetooth® Low
Energy specification 5.4
– RX sensitivity: -96 dBm (Bluetooth® Low
Energy at 1 Mbps)
– Programmable output power, +4 dBm with
1 dB steps
– Integrated balun to reduce BOM
– Single crystal operation
– Suitable for systems requiring compliance
with radio frequency regulations ETSI EN
300 328, EN 300 440, FCC CFR47 Part 15
and ARIB STD-T66
• Operating conditions:
– 1.71 to 3.6 V power supply
– -40 to 85 °C temperature range
• Ultra-low power platform with
FlexPowerControl
– Autonomous peripherals with DMA,
functional down to Stop 1 mode
– 160 nA Standby mode (8 wake-up pins)
– 2.25 µA Standby mode with 16-Kbyte
SRAM
– 20.2 µA Stop mode with 16-Kbyte SRAM
– 41.8 µA/MHz Run mode at 3.3 V
– Radio: Rx 7.91 mA / Tx at 0 dBm 10.51 mA
– Embedded regulator LDO
• Core: Arm® 32-bit Cortex®-M33 CPU with
MPU, DSP, and FPU
• ART Accelerator: 8-Kbyte instruction cache
allowing 0-wait-state execution from flash
memory (frequency up to 100 MHz,
150 DMIPS)
• Benchmarks
– 1.5 DMIPS/MHz (Drystone 2.1)
– 410 CoreMark® (4.10 CoreMark/MHz)
• Real time clock (RTC) with hardware calendar,
alarms, and calibration
• Clock sources
– 32 MHz crystal oscillator
– 32 kHz crystal oscillator (LSE)
– Internal low-power 32 kHz (±5%) RC
– Internal 16 MHz factory trimmed RC (±1%)
– PLL for system clock and ADC
• Memories
– 1 Mbyte flash memory with ECC, including
256 Kbytes with 100k cycles
– 64-Kbyte SRAM, including 48 KB with
parity check
– 512-byte (32 rows) OTP
• Rich analog peripherals (independent supply)
– 12-bit ADC 2.5 Msps, with hardware
oversampling
• Communication peripherals
– Two UARTs (ISO 7816, IrDA, modem)
– SPI
– I2C Fm+ (1 Mbit/s), SMBus/PMBus®




Similar Part No. - STM32WBA50KG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32WBA5MMG STMICROELECTRONICS-STM32WBA5MMG Datasheet
1Mb / 25P
Bluetooth® LE and IEEE 802.15.4 radio module
06-May-2025
STM32WBA5MMGH6TR STMICROELECTRONICS-STM32WBA5MMGH6TR Datasheet
1Mb / 25P
Bluetooth® LE and IEEE 802.15.4 radio module
06-May-2025
More results


Similar Description - STM32WBA50KG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC84X NXP-LPC84X Datasheet
2Mb / 97P
32-bit Arm® Cortex®-M0 microcontroller;
Rev. 1.7-27 February 2018
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21 Datasheet
8Mb / 212P
Arm® Cortex®-M 32-bit Microcontroller
M480 NUVOTON-M480_V01 Datasheet
10Mb / 473P
Arm® Cortex®-M 32-bit Microcontroller
Rev 2.00
M480 NUVOTON-M480_V02 Datasheet
12Mb / 525P
NuMicro® Family Arm® 32-bit Cortex®-M4 Microcontroller
Rev 3.03
logo
Infineon Technologies A...
CYT2BL INFINEON-CYT2BL Datasheet
1Mb / 168P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M4F-single
Rev. E 2022-02-16
XMC4100 INFINEON-XMC4100_V01 Datasheet
2Mb / 93P
ARM® Cortex®-M4 32-bit processor core
V1.4 2018-09
logo
STMicroelectronics
STM32WB55XX STMICROELECTRONICS-STM32WB55XX_V01 Datasheet
2Mb / 196P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.3 and 802.15.4 radio solution
12-Aug-2022
STM32U5AXXX STMICROELECTRONICS-STM32U5AXXX Datasheet
6Mb / 382P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
February 2023 Rev 1
logo
Infineon Technologies A...
CYT3DL INFINEON-CYT3DL Datasheet
3Mb / 207P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 single
Rev. H 2023-03-03
CYT2CL INFINEON-CYT2CL Datasheet
1Mb / 174P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M4F single
Rev. F 2022-10-20
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com