Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA5MMG Datasheet (PDF) - STMicroelectronics

STM32WBA5MMG Datasheet PDF - STMicroelectronics
Part # STM32WBA5MMG
Download  STM32WBA5MMG Download
File Size   1127.11 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Bluetooth® LE and IEEE 802.15.4 radio module

STM32WBA5MMG Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32WBA5MMG Datasheet PDF - STMicroelectronics

Part # STM32WBA5MMG
Download  STM32WBA5MMG Click to download

File Size   1127.11 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Bluetooth® LE and IEEE 802.15.4 radio module

STM32WBA5MMG Datasheet (HTML) - STMicroelectronics


STM32WBA5MMG Product details

Features
■ Includes ST state-of-the-art patented technology.
■ Core
■ Arm® 32-bit Cortex®-M33 CPU with TrustZone®, MPU, DSP, and FPU
■ Bluetooth® LE
■ LE 2M
■ LE coded
■ Direction finding
■ LE power control
■ Isochronous channels
■ Extended advertising
■ Periodic advertising
■ LE secure connections
■ LE audio
■ Core specification v6.0
■ Memories
■ 1-Mbyte flash memory with ECC, including 256 Kbytes with 100 kcycles
■ 128-Kbyte SRAM, including 64 Kbytes with parity check
■ 512-byte (32 rows) OTP
■ ART Accelerator
■ 8-Kbyte instruction cache allowing 0-wait-state execution from flash memory (frequency up to 100 MHz, 150 DMIPS) Fully integrated BOM including 32 MHz and 32 kHz crystals Integrated antenna with IPD for best-in-class and reliable antenna matching
■ Optional external antenna configuration Certifications: CE, FCC, ISED, MIC, RoHS, REACH Planned certifications: KC, NCC, SRRC, ANATEL
■ Ultra-low-power platform
■ 1.71 to 3.6 V power supply
■ SMPS and ultra-low-power modes for battery longevity
■ -40°C to 85°C temperature range Supporting:
■ Ultra-low-power 2.4 GHz RF transceiver supporting Bluetooth® LE, IEEE 802.15.4 supporting Thread, Matter for Border router, and Zigbee®
■ Programmable output power up to +10 dBm with 1 dB steps SiP-LGA76 (8 x 12.5 mm) Product status STM32WBA5MMG Bluetooth® LE and IEEE 802.15.4 radio module STM32WBA5MMG Datasheet DS14801 - Rev 3 - May 2025 For further information, contact your local STMicroelectronics sales office.




Similar Part No. - STM32WBA5MMG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32WBA50KG STMICROELECTRONICS-STM32WBA50KG Datasheet
1Mb / 110P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with FPU, Bluetooth® 5.4 radio solution
12-Sep-2024
More results


Similar Description - STM32WBA5MMG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PAN4620 PANASONIC-PAN4620 Datasheet
1Mb / 61P
IEEE 802.15.4 and Bluetooth Low Energy Module
logo
NXP Semiconductors
K32W061 NXP-K32W061 Datasheet
1Mb / 112P
IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
K32W041A NXP-K32W041A Datasheet
1Mb / 116P
IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
Rev. 1.2 ??April 2022
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-S3 ESPRESSIF-ESP32-S3 Datasheet
889Kb / 69P
2.4 GHz Wi-Fi Bluetooth® LE SoC Supporting IEEE 802.11 b/g/n (2.4 GHz Wi-Fi) and Bluetooth® 5 (LE)
Version 1.3
logo
Toshiba Semiconductor
TC35667FTG TOSHIBA-TC35667FTG Datasheet
755Kb / 26P
TC35667FTG Bluetooth® LE Single IC For Bluetooth® Smart
November 2014 Rev 1.x
logo
Infineon Technologies A...
CYW20820 INFINEON-CYW20820 Datasheet
631Kb / 59P
AIROC™ Bluetooth® and Bluetooth® LE system on chip
Rev. G 2022-09-26
logo
List of Unclassifed Man...
NORA-B1 ETC-NORA-B1 Datasheet
1Mb / 46P
Stand-alone dual-core Bluetooth® 5.2 Low Energy and IEEE 802.15.4 module
logo
Renesas Technology Corp
DA16600MOD RENESAS-DA16600MOD Datasheet
965Kb / 28P
Ultra-Low Power Wi-Fi Bluetooth® LE Combo Module
04-Jan-2023
logo
Infineon Technologies A...
CYBLE-343072-02 INFINEON-CYBLE-343072-02 Datasheet
868Kb / 58P
AIROC™ Bluetooth® LE module
2021-08-12
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-WROOM-32E ESPRESSIF-ESP32-WROOM-32E Datasheet
1Mb / 33P
2.4 GHz WiFi Bluetooth® Bluetooth LE module
2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com