Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA5MMG Datasheet(PDF) 5 Page - STMicroelectronics

Part # STM32WBA5MMG
Description  Bluetooth® LE and IEEE 802.15.4 radio module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA5MMG Datasheet(HTML) 5 Page - STMicroelectronics

  STM32WBA5MMG Datasheet HTML 1Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 2Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 3Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 4Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 5Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 6Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 7Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 8Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
3
Module overview
The module is an SiP-LGA76 package (system in package land grid array) that integrates the proven
STM32WBA55UG MCU with several external components. The package includes:
•
LSE crystal
•
HSE crystal
•
passive components for SMPS
•
antenna matching and antenna
•
IPD for RF matching and harmonics rejection
Figure 1. STM32WBA5MMG block diagram
SMPS passive
components
Power supply
filtering
Antenna
matching
IPD
STM32WBA55UG
1 Mbyte flash
2x64 Kbyte RAM
XTAL
32.768 kHz
XTAL
32 MHz
Communication
Interfaces
External antenna
(optional)
3.1
Power supply
The power supply requirements are identical to those of the STM32WBA55UG devices, detailed in the datasheet
DS14127. Filtering capacitors on power supply pins and components for the SMPS are already integrated into the
module.
3.2
Clocks
As the crystals are already integrated into the package, it is impossible to use any clock in bypass mode. The
module integrates a 32.768 kHz crystal for LSE and a 32 MHz crystal for the HSE clock.
•
To tune the HSE clock, the software must read trim data from OTP address 0x0BF9 000E and copy it to
the RCC_ECSCR1.HSETRIM register.
•
The user must not change the RCC_ECSCR1 register configuration to keep the default parameters.
•
LSCO and MCO outputs are available.
STM32WBA5MMG
Module overview
DS14801 - Rev 3
page 5/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com