Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA5MMG Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32WBA5MMG
Description  Bluetooth® LE and IEEE 802.15.4 radio module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA5MMG Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32WBA5MMG Datasheet HTML 8Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 9Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 10Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 11Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 12Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 13Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 14Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 15Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
7.1
Device marking
Refer to technical note "Reference device marking schematics for STM32 microcontrollers and microprocessors"
(TN1433 ) available on www.st.com, for the location of pin 1 / ball A1 as well as the location and orientation of the
marking areas versus pin 1 / ball A1.
Parts marked as "ES", "E" or accompanied by an engineering sample notification letter, are not yet qualified and
therefore not approved for use in production. ST is not responsible for any consequences resulting from such use.
In no event will ST be liable for the customer using any of these engineering samples in production. ST’s Quality
department must be contacted prior to any decision to use these engineering samples to run a qualification
activity.
A WLCSP simplified marking example (if any) is provided in the corresponding package information subsection.
7.2
SiP-LGA76 package information (B0N2)
This SiP-LGA is a 76-lead, 8 x 12.5 mm, system in package land grid array package.
Figure 5. SiP-LGA76 - Outline
B
A
aaa (4x)
eE
PIN1 CORNER
0.525
(x4) 0.35X0.35
BOTTOM VIEW
400µm Ref.
DETAIL A
,
600µm Ref.
E1
E
(x4) 0.60X0.60
(x68) 0.35X0.30
bbb C
SIDE VIEW
A
A1
Side Wall Sputter : 1~3µm
M
S
A
,
Top surface Sputter: 3~6µm
PIN A1 CORNER
8.000 ref.
TOP VIEW
0.625
57
58
56
55
54
53
59
60
61
50
62
52
51
49
48
47
46
45
44
43
42
41
40
39
63
64 65 66
67
38
37
36
35 34 33 32 31 30 29
26 25 24
23 22
28 27
1
2
3
4
8
5
6
9
10
11
12
13
14
15
16
17
18
19
20
21
7
68 69 70 71 72
73
76
75
74
1900
3.050
7.050
1. Drawing is not to scale.
STM32WBA5MMG
Package information
DS14801 - Rev 3
page 12/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com