Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA5MMG Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32WBA5MMG
Description  Bluetooth® LE and IEEE 802.15.4 radio module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA5MMG Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32WBA5MMG Datasheet HTML 7Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 8Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 9Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 10Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 11Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 12Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 13Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 14Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
6
Electrical characteristics
6.1
Operating conditions
Table 2. STM32WBA5MMG operating conditions
Parameter
Min
Typ
Max
Unit
VDD
1.71
3.3
3.6
V
Operating ambient temperature range
-40
-
85
°C
Storage temperature range
-40
-
125
°C
6.2
Power consumption
The power consumption is identical to the regular STM32WBA55. For details, refer to datasheet DS14127.
6.3
RF characteristics
For details, refer to datasheet DS14127.
6.4
Schematics and layout for PCB
For examples of schematics and layout using this device, refer to the description of B-WBA5M-WPAN on st.com.
In particular, the board designer must respect the distances indicated in Figure 4. No metal layers must be used in
the clearance area.
Figure 4. Distances to be respected in the layout
2.50
0.60
9.05
7.50
1.93
1.33
Clearance
6.5
Antenna radiation patterns and efficiency
Refer to technical note TN1565 "Antenna radiation patterns of module STM32WBA5MMG".
STM32WBA5MMG
Electrical characteristics
DS14801 - Rev 3
page 11/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com