Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA5MMG Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM32WBA5MMG
Description  Bluetooth® LE and IEEE 802.15.4 radio module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA5MMG Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM32WBA5MMG Datasheet HTML 11Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 12Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 13Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 14Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 15Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 16Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 17Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 18Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
8
Ordering information
Example:
STM32
WB
A5
M
M
G
H
6
TR
Device family
STM32 = Arm-based 32-bit microcontroller
Product type
WB = Wireless Bluetooth
Device subfamily
A5 = STM32WBA5
Component type
M = Module
Pin count
M = 76 pins
Flash memory size
G = 1 Mbyte
Package
H = LGA
Temperature range
6 = Industrial temperature range, –40 °C to 85 °C
Packing
TR = tape and reel
Note:
For a list of available options (such as speed and package) or for further information on any aspect of this
device, contact your nearest ST sales office.
STM32WBA5MMG
Ordering information
DS14801 - Rev 3
page 15/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com