Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA5MMG Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM32WBA5MMG
Description  Bluetooth® LE and IEEE 802.15.4 radio module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA5MMG Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM32WBA5MMG Datasheet HTML 10Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 11Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 12Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 13Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 14Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 15Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 16Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 17Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
7.3
Thermal characteristics
The device thermal characteristics are defined below, and the constant values are given in Table 4:
•
θJA is the junction-to-ambient thermal resistance (EIA/JESD51-2 and EIA/JESD51-6).
θJA represents the resistance to the heat flowing from the chip to ambient air. It is an indicator of package
heat dissipation capability, a lower θJA means better overall thermal performance. It is calculated as
follows:
θJA = (TJ - TA)/PH
where:
–
TJ = junction temperature
–
TA = ambient temperature
–
PH = power dissipation
•
φJT is the junction-to-top-center thermal characterization parameter (EIA/JESD51-2 and EIA/JESD51-6).
•
φJT is used for estimating the junction temperature by measuring TT in an actual environment. It is
calculated as follows:
φJT = (TJ - TT)/PH
where TT = temperature at the top-center of the package
•
θJC is the junction-to-case thermal resistance.
θJC represents the resistance to the heat flowing from the chip to package top case. θJC is important when
an external heat sink is attached on package top. It is calculated as follows:
θJC = (TJ – TC)/PH
where TC = case temperature attached with a cold plate
•
θJB is the junction-to-board thermal resistance (EIA/JESD51-8).
•
θJB represents the resistance to the heat flowing from the chip to PCB. θJB is used in compact thermal
models for system
‑level thermal simulation. It is calculated as follows:
θJB = (TJ – TB)/PH
where TB = board temperature with ring cold plate fixture applied
Table 4. Thermal characteristics
Symbol
Max TJ (°C)
TT (°C)
φJT (°C/W)
θJA (°C/W)
θJB (°C/W)
θJC (°C/W)
Value
96.95
96.88
0.15
26.32
12.39
7.95
7.3.1
Board design
For information and recommendations related to board design, landing pads, stencils, and the solder reflow profile
for LGA packages, refer to AN5886 Guidelines for design and board assembly of land grid array packages,
available on www.st.com.
STM32WBA5MMG
Package information
DS14801 - Rev 3
page 14/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com