Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA5MMG Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM32WBA5MMG
Description  Bluetooth® LE and IEEE 802.15.4 radio module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA5MMG Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM32WBA5MMG Datasheet HTML 13Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 14Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 15Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 16Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 17Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 18Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 19Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 20Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Note:
This equipment has been tested and found to comply with the limits for a Class B digital device, pursuant to part
15 of the FCC Rules. These limits are designed to provide reasonable protection against harmful interference in
a residential installation. This equipment generates, uses and can radiate radio frequency energy and, if not
installed and used in accordance with the instructions, may cause harmful interference to radio communications.
However, there is no guarantee that interference does not occur in a particular installation. If this equipment
does cause harmful interference to radio or television reception, which can be determined by turning the
equipment off and on, the user is encouraged to try to correct the interference by one or more of the following
measures:
•
Reorient or relocate the receiving antenna.
•
Increase the separation between the equipment and receiver.
•
Connect the equipment into an outlet on a circuit different from that to which the receiver is connected.
•
Consult the dealer or an experienced radio/TV technician for help.
Separation
To meet the SAR exemption for portable conditions, the minimum separation distances indicated in Minimum
Separation Distances for SAR Evaluation Exemption must be maintained between the human body and the
radiator (antenna) at all times.
This transmitter module is tested in a standalone RF Exposure condition, and in case of any co-located radio
transmitter being allowed to transmit simultaneously, or in case of portable use at closer distances from the
human body than those allowing the exceptions rules to be applied, a separate additional SAR evaluation, or a
reduction in the max output power or in the duty-cycle, might be required for the host, ultimately leading to a Class
II Permissive Change, or more rarely to a new grant.
Important note: In the event that the conditions for the exemption cannot be met, the final product will likely have
to undergo additional testing to evaluate the RF Exposure, or go through some re-configuration of the max output
power and/or duty-cycle in order for the FCC authorization to remain valid, and a permissive change will have to
be applied. The SAR evaluation (and/or reconfiguration) is in the responsibility of the end-product’s manufacturer,
as well as the permissive change that can be carried out with the help of the customer's own Telecommunication
Certification Body, following a Change in ID authorization by the module's original grant holder.
Label requirements
If the identification number is not visible when the module is installed inside another device, then the outside of
the device into which the module is installed must also display a label referring to the enclosed module. This label
must contain the FCC ID that matches the one on the module.
Documentation requirements
The users manual or instruction manual for an intentional or unintentional radiator shall caution the user that
changes or modifications not expressly approved by the party responsible for compliance could void the user's
authority to operate the equipment.
Integration requirements
Colocation of this module with other transmitters that operate simultaneously are required to be evaluated using
the multi-transmitter procedures.
The host integrator must follow the integration instructions provided in this document and ensure that the
composite-system end product complies with the requirements by a technical assessment or evaluation to the
rules and to KDB Publication 996369.
The host integrator installing this module into their product must ensure that the final composite product complies
with the requirements by a technical assessment or evaluation to the rules, including the transmitter operation and
should refer to guidance in KDB 996369.
9.4
ISED certification
The STM32WBA5MMG module has been tested and found compliant with the ISED RSS-247 and RSS-Gen
rules.
The ISED ID is 8976A-32WBA5MMG01.
STM32WBA5MMG
Certification
DS14801 - Rev 3
page 17/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com