Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA5MMG Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32WBA5MMG
Description  Bluetooth® LE and IEEE 802.15.4 radio module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA5MMG Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32WBA5MMG Datasheet HTML 9Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 10Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 11Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 12Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 13Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 14Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 15Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 16Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Table 3. SiP-LGA76 - Mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A
1.372 ± 0.046
0.0540 ± 0.0018
A1
0.030 ± 0.020
0.0012 ± 0.0008
D
12.400
12.500
12.600
0.4882
0.4921
0.4961
D1
11.575
0.4557
E
7.900
8.000
8.100
0.3110
0.3150
0.3189
eD
0.525
0.0207
eE
0.500
0.0197
E1
7.050
0.2776
M
1.100 REF(2)
0.0433 REF
N(3)
76
S
0.242 REF
0.0095 REF
Lead width
0.350 x 0.300
0.350 x 0.350
0.600 x 0.600
0.0138 x 0.0118
0.0138 x 0.0138
0.0236 x 0.0236
aaa
0.100
0.0039
bbb
0.100
0.0039
ddd
0.100
0.0039
1. Values in inches are converted from mm and rounded to 4 decimal digits.
2. Nominal value.
3. Number of pins.
STM32WBA5MMG
Package information
DS14801 - Rev 3
page 13/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com