Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JSERIES-2016.GEN2 Datasheet (PDF) - Cree LED

JSERIES-2016.GEN2 Datasheet PDF - Cree LED
Part # JSERIES-2016.GEN2
Download  JSERIES-2016.GEN2 Download
File Size   2036.37 Kbytes
Page   31 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description J Series® 2016 Gen 2 LEDs

JSERIES-2016.GEN2 Datasheet (PDF)

Go To PDF Page Download Datasheet
JSERIES-2016.GEN2 Datasheet PDF - Cree LED

Part # JSERIES-2016.GEN2
Download  JSERIES-2016.GEN2 Click to download

File Size   2036.37 Kbytes
Page   31 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description J Series® 2016 Gen 2 LEDs

JSERIES-2016.GEN2 Datasheet (HTML) - Cree LED


JSERIES-2016.GEN2 Product details

PRODUCT DESCRIPTION
J Series® LEDs extend Cree’s industry leading portfolio of lighting
class LEDs to a broader set of applications. The J Series 2016
LED combines high quality and excellent value in a thin, compact
package. The J Series 2016 LED is optimized for compact lighting
applications where smooth appearance is critical, such as linear
lamps, downlights, troffers and panel lights.
FEATURES
• Industry‑compatible size : 2.0 x 1.6 x 0.5 mm
• 3‑V configuration
• Flux and chromaticity binned at 25 °C
• 6500 K–2200 K ANSI CCTs available
• 80, 90 & 95 CRI available
• RoHS and REACH compliant
• UL® recognized component (E495478)




Similar Part No. - JSERIES-2016.GEN2

ManufacturerPart #DatasheetDescription
logo
Cree LED
JSERIES-2835-3V-N-PD CREELED-JSERIES-2835-3V-N-PD Datasheet
4Mb / 27P
J Series® 2835 3‑V N Class Precision Dimming LED
REV 0
JSERIES-2835-3V-X CREELED-JSERIES-2835-3V-X Datasheet
1Mb / 26P
J Series® 2835B 3‑V X Class LEDs
REV 1
JSERIES-2835-COLOR CREELED-JSERIES-2835-COLOR Datasheet
3Mb / 91P
J Series® JE2835 Color LEDs
REV 2
JSERIES-2835-PHOTOPHYLL CREELED-JSERIES-2835-PHOTOPHYLL Datasheet
3Mb / 17P
J Series® 2835 Photophyll™ Select LEDs
REV 3
JSERIES-2835-PRO9 CREELED-JSERIES-2835-PRO9 Datasheet
4Mb / 41P
J Series® 2835 Pro9™ LEDs
REV 0
More results


Similar Description - JSERIES-2016.GEN2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450EZ290-S2400-2 CREE-C450EZ290-S2400-2 Datasheet
322Kb / 6P
Cree EZ290-n Gen 2 LEDs
Rev A
C450EZ900-S38000-2 CREE-C450EZ900-S38000-2_16 Datasheet
359Kb / 6P
Cree EZ900-n Gen 2 LEDs
C450EZ1000-S38000-2 CREE-C450EZ1000-S38000-2_16 Datasheet
366Kb / 5P
Cree EZ1000 Gen 2 LEDs
logo
Vishay Siliconix
VSKY02300603 VISHAY-VSKY02300603 Datasheet
107Kb / 5P
Small Signal Schottky Diode FlipKY® Gen 2
23-Feb-17
VSKY02400603 VISHAY-VSKY02400603 Datasheet
96Kb / 5P
Small Signal Schottky Diode FlipKY® Gen 2
23-Feb-17
VSKY05201006 VISHAY-VSKY05201006 Datasheet
131Kb / 5P
Schottky Rectifier Surface Mount FlipKY® Gen 2
19-Jan-17
VSKY10301406 VISHAY-VSKY10301406 Datasheet
131Kb / 5P
Schottky Rectifier Surface Mount Flipky® Gen 2
19-Jan-17
logo
Cree, Inc
JB20163-V CREE-JB20163-V Datasheet
11Mb / 26P
Cree짰 J Series??2016 LEDs
2835LED CREE-2835LED Datasheet
5Mb / 28P
J Series??2835 LEDs
JE2835 CREE-JE2835 Datasheet
4Mb / 86P
J Series® JE2835 Color LEDs
REV 0
More results




About Cree LED


Cree LED is a product line of LED lighting products offered by Cree, Inc., a semiconductor company based in Durham, North Carolina. Cree LED lighting products include bulbs, fixtures, and chips, which are used in a variety of applications, including residential, commercial, and industrial lighting.

Cree LED lighting products are known for their high quality, energy efficiency, and long lifespan. The company's LED bulbs are designed to last up to 25 times longer than traditional incandescent bulbs, while using up to 85% less energy. Cree LED fixtures offer a range of options for different applications, including indoor and outdoor lighting, and are known for their high efficiency, superior light quality, and long lifespan.

In addition to its LED lighting products, Cree also offers a range of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as power electronics products, that are used in a variety of applications, including automotive, aerospace, and defense. Cree is committed to developing new and innovative products that meet the evolving needs of its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com