Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1874659 Datasheet (PDF) - PHOENIX CONTACT

1874659 Datasheet PDF - PHOENIX CONTACT
Part # 1874659
Download  1874659 Download
File Size   832.89 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MDSTBV 2,5/ 3-GFL - PCB header

1874659 Datasheet (PDF)

Go To PDF Page Download Datasheet
1874659 Datasheet PDF - PHOENIX CONTACT

Part # 1874659
Download  1874659 Click to download

File Size   832.89 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MDSTBV 2,5/ 3-GFL - PCB header

1874659 Datasheet (HTML) - PHOENIX CONTACT


1874659 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 10 A, rated voltage
(III/2): 320 V, contact surface: Sn, contact connection type: Pin, number of potentials: 6, number
of rows: 2, number of positions: 3, number of connections: 6, product range: MDSTBV 2,5/..-GF,
pitch: 5 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.9 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector
pattern alignment: Standard, locking: Screw locking mechanism, mounting: Threaded flange,
type of packaging: packed in cardboard, The article can be aligned to create different nos. of
positions! In combination with MVSTB or FKCV plug components, both an MVSTBW (or
FKCVW) and an MVSTBR plug (or FKCVR) must be used. Combination with TMSTBP plug
components is not possible!

Your advantages
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Easy PCB replacement thanks to plug-in modules
• Well-known mounting principle allows worldwide use
• Conductor connection on several levels enables higher contact density
• Screwable flange for superior mechanical stability




Similar Part No. - 1874659

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
18746 ATOM-18746 Datasheet
128Kb / 1P
ALTIUS
31st of January 2025 06:59:57
18746 ATOM-18746 Datasheet
649Kb / 2P
7W LED Downlight Quad colour with interchangeable trims
30.01.20
logo
PHOENIX CONTACT
1874617 PHOENIX-1874617 Datasheet
822Kb / 12P
MDSTB 2,5/ 3-GFL - PCB header
1874620 PHOENIX-1874620 Datasheet
830Kb / 12P
MDSTB 2,5/ 3-GFR - PCB header
1874633 PHOENIX-1874633 Datasheet
940Kb / 20P
MDSTB 2,5/ 3-GFL-5,08 - PCB header
More results


Similar Description - 1874659

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1763045 PHOENIX-1763045 Datasheet
142Kb / 9P
Base strip - MDSTBV 2,5/ 3-G
1763087 PHOENIX-1763087 Datasheet
176Kb / 7P
MDSTBV 2,5/ 3-G-5,08
1762266 PHOENIX-1762266 Datasheet
198Kb / 12P
Feed-through header - MDSTBV 2,5/ 3-G-5,08 AU
1874675 PHOENIX-1874675 Datasheet
101Kb / 6P
Base strip - MDSTBV 2,5/ 3-GFL-5,08
1874688 PHOENIX-1874688 Datasheet
102Kb / 6P
Base strip - MDSTBV 2,5/ 3-GFR-5,08
1901755 PHOENIX-1901755 Datasheet
55Kb / 3P
Printed-circuit board connector - MDSTBV 2,5/ 2-GFL-5,08 BK
1845714 PHOENIX-1845714 Datasheet
571Kb / 17P
PCB header - MDSTBV 2,5/10-GF-5,08
Nov 30, 2022
1845992 PHOENIX-1845992 Datasheet
534Kb / 16P
PCB header - MDSTBV 2,5/ 8-G
Dec 30, 2022
1845549 PHOENIX-1845549 Datasheet
1Mb / 26P
PCB header - MDSTBV 2,5/ 8-G-5,08
1845730 PHOENIX-1845730 Datasheet
1Mb / 22P
MDSTBV 2,5/12-GF-5,08 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com