Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1874633 Datasheet (PDF) - PHOENIX CONTACT

1874633 Datasheet PDF - PHOENIX CONTACT
Part # 1874633
Download  1874633 Download
File Size   940.68 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MDSTB 2,5/ 3-GFL-5,08 - PCB header

1874633 Datasheet (PDF)

Go To PDF Page Download Datasheet
1874633 Datasheet PDF - PHOENIX CONTACT

Part # 1874633
Download  1874633 Click to download

File Size   940.68 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MDSTB 2,5/ 3-GFL-5,08 - PCB header

1874633 Datasheet (HTML) - PHOENIX CONTACT


1874633 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 10 A, rated voltage
(III/2): 320 V, contact surface: Sn, contact connection type: Pin, number of potentials: 6, number
of rows: 2, number of positions: 3, number of connections: 6, product range: MDSTB 2,5/..-GF,
pitch: 5.08 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.23 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector
pattern alignment: Standard, locking: Screw locking mechanism, mounting: Threaded flange,
type of packaging: packed in cardboard, Can be aligned! Mounting flange: Item No. 1736771,
1736768. In combination with MVSTB or FKCV plugs, both an MVSTBW (or FKCVW) and an
MVSTBR plug (or FKCVR) must be used. Combination with TMSTBP plugs is not possible!

Your advantages
• Screwable flange for superior mechanical stability
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Easy PCB replacement thanks to plug-in modules
• Well-known mounting principle allows worldwide use
• Conductor connection on several levels enables higher contact density




Similar Part No. - 1874633

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
18746 ATOM-18746 Datasheet
128Kb / 1P
ALTIUS
31st of January 2025 06:59:57
18746 ATOM-18746 Datasheet
649Kb / 2P
7W LED Downlight Quad colour with interchangeable trims
30.01.20
logo
PHOENIX CONTACT
1874617 PHOENIX-1874617 Datasheet
822Kb / 12P
MDSTB 2,5/ 3-GFL - PCB header
1874620 PHOENIX-1874620 Datasheet
830Kb / 12P
MDSTB 2,5/ 3-GFR - PCB header
1874659 PHOENIX-1874659 Datasheet
832Kb / 12P
MDSTBV 2,5/ 3-GFL - PCB header
More results


Similar Description - 1874633

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1762075 PHOENIX-1762075 Datasheet
196Kb / 7P
MDSTB 2,5/ 3-G-5,08
1762376 PHOENIX-1762376 Datasheet
185Kb / 6P
MDSTB 2,5/ 3-G1-5,08
1842377 PHOENIX-1842377 Datasheet
84Kb / 4P
Base strip - MDSTB 2,5/ 3-GF-5,08
1874675 PHOENIX-1874675 Datasheet
101Kb / 6P
Base strip - MDSTBV 2,5/ 3-GFL-5,08
1877740 PHOENIX-1877740 Datasheet
99Kb / 6P
Base strip - MDSTB 2,5/ 2-GFL
1840052 PHOENIX-1840052 Datasheet
537Kb / 15P
PCB header - MDSTB 2,5/ 8-G-5,08
Jan 10, 2023
1938948 PHOENIX-1938948 Datasheet
269Kb / 9P
PCB header - MDSTB 2,5/ 2-G1-5,08
Jan 3, 2023
1938951 PHOENIX-1938951 Datasheet
269Kb / 9P
PCB header - MDSTB 2,5/ 5-G1-5,08
Nov 30, 2022
1842380 PHOENIX-1842380 Datasheet
1,001Kb / 20P
MDSTB 2,5/ 4-GF-5,08 - PCB header
1842432 PHOENIX-1842432 Datasheet
955Kb / 20P
MDSTB 2,5/ 9-GF-5,08 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com