Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB0203EJ Datasheet (PDF) - Sanyo Semicon Device

SB0203EJ Datasheet PDF - Sanyo Semicon Device
Part # SB0203EJ
Download  SB0203EJ Download
File Size   35.03 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Schottky Barrier Diode 30V, 200mA Rectifier

SB0203EJ Datasheet (PDF)

Go To PDF Page Download Datasheet
SB0203EJ Datasheet PDF - Sanyo Semicon Device

Part # SB0203EJ
Download  SB0203EJ Click to download

File Size   35.03 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Schottky Barrier Diode 30V, 200mA Rectifier

SB0203EJ Datasheet (HTML) - Sanyo Semicon Device


SB0203EJ Product details

Features
• Low switching noise.
• Low leakage current and high reliability due to highly reliable planar structure.
• Ultraminiature (1608 size) and thin (0.6mm) leadless package.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SB0203EJ

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SB020 GE-SB020 Datasheet
49Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SB020 BILIN-SB020 Datasheet
47Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB020 VISHAY-SB020 Datasheet
353Kb / 4P
Miniature Schottky Barrier Rectifier
25-Apr-08
logo
Gulf Semiconductor
SB020 GULFSEMI-SB020 Datasheet
101Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 40V CURRENT: 0.6A
logo
Diode Semiconductor Kor...
SB020 DSK-SB020 Datasheet
262Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - SB0203EJ

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB02-03C SANYO-SB02-03C Datasheet
50Kb / 2P
30V, 200mA Rectifier
SB02-03Q SANYO-SB02-03Q Datasheet
55Kb / 2P
30V, 200mA Rectifier
SB02-03S SANYO-SB02-03S Datasheet
56Kb / 2P
30V, 200mA Rectifier
SB02W03C SANYO-SB02W03C Datasheet
60Kb / 2P
30V, 200mA Rectifier
SB02W03S SANYO-SB02W03S Datasheet
56Kb / 2P
30V, 200mA Rectifier
SS0203EJ SANYO-SS0203EJ Datasheet
35Kb / 3P
Schottky Barrier Diode 30V, 200mA Rectifier
logo
Torex Semiconductor
XBS023P11R-G TOREX-XBS023P11R-G Datasheet
225Kb / 5P
Schottky Barrier Diode, 200mA, 30V Type
logo
AiT Semiconductor Inc.
BAT54CW AITSEMI-BAT54CW Datasheet
445Kb / 5P
SCHOTTKY DIODE 0.52V/200mA 30V/0.5uA
REV1.0
BAT54W AITSEMI-BAT54W Datasheet
454Kb / 5P
SCHOTTKY DIODE 0.52V/200mA 30V/0.5uA
REV1.0
logo
Silicon Supplies
BAT54 SS-BAT54 Datasheet
1Mb / 3P
30V 200mA Schottky Diode
Rev 1.1 13/07/23
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com