Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G80-Q100 Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC1G80-Q100 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC1G80-Q100
Download  74LVC1G80-Q100 Download
File Size   252.86 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single D-type flip-flop; positive-edge trigger

74LVC1G80-Q100 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G80-Q100 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC1G80-Q100
Download  74LVC1G80-Q100 Click to download

File Size   252.86 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single D-type flip-flop; positive-edge trigger

74LVC1G80-Q100 Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC1G80-Q100 Product details

1. General description
The 74LVC1G80-Q100 is a single positive-edge triggered D-type flip-flop. Data at the D-input that
meets the set-up and hold time requirements on the LOW-to-HIGH clock transition will be stored in
the flip-flop and its complement will appear at the Q output. Inputs can be driven from either 3.3 V
or 5 V devices. This feature allows the use of these devices as translators in mixed 3.3 V and 5 V
environments.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall times.
This device is fully specified for partial power down applications using IOFF. The IOFF circuitry
disables the output, preventing the potentially damaging backflow current through the device when
it is powered down.
This product has been qualified to the Automotive Electronics Council (AEC) standard Q100
(Grade 1) and is suitable for use in automotive applications.

2. Features and benefits
• Automotive product qualification in accordance with AEC-Q100 (Grade 1)
• Specified from -40 °C to +85 °C and -40 °C to +125 °C
• Wide supply voltage range from 1.65 V to 5.5 V
• Overvoltage tolerant inputs to 5.5 V
• High noise immunity
• ±24 mA output drive (VCC = 3.0 V)
• CMOS low power dissipation
• Direct interface with TTL levels
• IOFF circuitry provides partial Power-down mode operation
• Latch-up performance exceeds 250 mA
• Complies with JEDEC standard:
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• JESD36 (4.5 V to 5.5 V)
• ESD protection:
• HBM: ANSI/ESDA/JEDEC JS-001 class 2 exceeds 2000 V
• CDM: ANSI/ESDA/JEDEC JS-002 class C3 exceeds 1000 V




Similar Part No. - 74LVC1G80-Q100

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC1G80-Q100 NEXPERIA-74LVC1G80-Q100 Datasheet
796Kb / 15P
Single D-type flip-flop; positive-edge trigger
More results


Similar Description - 74LVC1G80-Q100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G79 PHILIPS-74AHC1G79 Datasheet
83Kb / 12P
Single D-type flip-flop; positive-edge trigger
1999 May 18
logo
Panasonic Semiconductor
74LVC1G80 PANASONIC-74LVC1G80 Datasheet
99Kb / 18P
Single D-type flip-flop; positive-edge trigger
logo
NXP Semiconductors
74AHC1G79GW125 NXP-74AHC1G79GW125 Datasheet
82Kb / 12P
Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
logo
Nexperia B.V. All right...
74AHC1G79-Q100 NEXPERIA-74AHC1G79-Q100 Datasheet
721Kb / 14P
Single D-type flip-flop; positive-edge trigger
74LVC1G80-Q100 NEXPERIA-74LVC1G80-Q100 Datasheet
796Kb / 15P
Single D-type flip-flop; positive-edge trigger
74LVC1G79-Q100 NEXPERIA-74LVC1G79-Q100 Datasheet
794Kb / 15P
Single D-type flip-flop; positive-edge trigger
74AHCAHC1G79-Q100 NEXPERIA-74AHCAHC1G79-Q100 Datasheet
218Kb / 12P
Single D-type flip-flop; positive-edge trigger
Rev. 4 - 11 January 2022
74AHCT1G79 NEXPERIA-74AHCT1G79 Datasheet
218Kb / 12P
Single D-type flip-flop; positive-edge trigger
Rev. 8 - 11 January 2022
74LVC1G80 NEXPERIA-74LVC1G80 Datasheet
277Kb / 19P
Single D-type flip-flop; positive-edge trigger
Rev. 15 - 29 March 2022
74LVC1G79 NEXPERIA-74LVC1G79 Datasheet
275Kb / 19P
Single D-type flip-flop; positive-edge trigger
Rev. 14 - 29 March 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com