Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

511000357 Datasheet (PDF) - Belden Inc.

511000357 Datasheet PDF - Belden Inc.
Part # 511000357
Download  511000357 Download
File Size   474.29 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Mini Power Single-Ended Cordset: 7/8", female, angled, 4-pin(3PE), black body, 600 V, 15 A; TPE black cable, 14 AWG

511000357 Datasheet (PDF)

Go To PDF Page Download Datasheet
511000357 Datasheet PDF - Belden Inc.

Part # 511000357
Download  511000357 Click to download

File Size   474.29 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Mini Power Single-Ended Cordset: 7/8", female, angled, 4-pin(3PE), black body, 600 V, 15 A; TPE black cable, 14 AWG

511000357 Datasheet (HTML) - Belden Inc.


511000357 Product details

Product Description
Mini Power Single-Ended Cordset: 7/8", female, angled, 4-pin(3+PE), black body, 600 V, 15 A; TPE black cable, 14 AWG




Similar Part No. - 511000357

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
511000381 BELDEN-511000381 Datasheet
364Kb / 2P
Mini Power Receptacle Connector: 7/8", female, front mount, 4-pin(3PE), silver housing, 600 V, 15 A, 14 AWG
511000382 BELDEN-511000382 Datasheet
364Kb / 2P
Mini Power Receptacle Connector: 7/8", female, front mount, 4-pin(3PE), silver housing, 600 V, 15 A, 14 AWG
511000383 BELDEN-511000383 Datasheet
364Kb / 2P
Mini Power Receptacle Connector: 7/8", female, front mount, 4-pin(3PE), silver housing, 600 V, 15 A, 14 AWG
511000396 BELDEN-511000396 Datasheet
349Kb / 3P
Mini Power Double-Ended Cordset: 1 3/8" male straight to 1 3/8" female straight, 3-pin(2PE), black body, 600 V, 42 A; TPE black cable, 10 AWG
511000397 BELDEN-511000397 Datasheet
349Kb / 3P
Mini Power Double-Ended Cordset: 1 3/8" male straight to 1 3/8" female straight, 3-pin(2PE), black body, 600 V, 42 A; TPE black cable, 10 AWG
More results


Similar Description - 511000357

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300060419 MOLEX-1300060419 Datasheet
46Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 3 Poles, Female (Straight) to Pigtail, 16 AWG, Yellow TPE Cable, 10.0m (32.81) Length
04/19/2023
1300062336 MOLEX-1300062336 Datasheet
46Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 3 Poles, Female (Straight) to Pigtail, 16 AWG, Yellow TPE Cable, 15.0m (49.21) Length
03/20/2023
1300062384 MOLEX-1300062384 Datasheet
46Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 3 Poles, Female (Straight) to Pigtail, 16 AWG, Yellow TPE Cable, 4.0m (13.12) Length
03/17/2023
1300069044 MOLEX-1300069044 Datasheet
23Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 4 Poles, Female (Straight) to Pigtail, 16 AWG, TPE Cable, 20.0m (65.62) Length
04/24/2023
1300069045 MOLEX-1300069045 Datasheet
23Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 4 Poles, Female (Straight) to Pigtail, 16 AWG, TPE Cable, 30.0m (98.40) Length
04/17/2023
1300069046 MOLEX-1300069046 Datasheet
23Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 4 Poles, Female (90°) to Straight, 16 AWG, TPE Cable, 5.0m (16.40) Length
02/01/2023
1300069047 MOLEX-1300069047 Datasheet
23Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 4 Poles, Female (90°) to Straight, 16 AWG, TPE Cable, 10.0m (32.81) Length
02/01/2023
1300069048 MOLEX-1300069048 Datasheet
23Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 4 Poles, Female (90°) to Straight, 16 AWG, TPE Cable, 20.0m (65.62) Length
02/01/2023
1300069049 MOLEX-1300069049 Datasheet
23Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 4 Poles, Female (90°) to Straight, 16 AWG, TPE Cable, 30.0m (98.40) Length
02/01/2023
logo
Belden Inc.
0905203301 BELDEN-0905203301 Datasheet
488Kb / 3P
DeviceNet Power Supply Cable, 7/8" Power Single-Ended Cordset: Female straight, 3-pin(2PE), black body, 63 V, 12 A; PUR black cable, 1.00 mm²
03-22-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com