Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25F20 Datasheet (PDF) - Eon Silicon Solution Inc.

EN25F20 Datasheet PDF - Eon Silicon Solution Inc.
Part # EN25F20
Download  EN25F20 Download
File Size   394.48 Kbytes
Page   31 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector

EN25F20 Datasheet (PDF)

Go To PDF Page Download Datasheet
EN25F20 Datasheet PDF - Eon Silicon Solution Inc.

Part # EN25F20
Download  EN25F20 Click to download

File Size   394.48 Kbytes
Page   31 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector

EN25F20 Datasheet (HTML) - Eon Silicon Solution Inc.


EN25F20 Product details

GENERAL DESCRIPTION

The EN25F20 is a 2M-bit (256K-byte) Serial Flash memory, with advanced write protection mechanisms, accessed by a high speed SPI-compatible bus. The memory can be programmed 1 to 256 bytes at a time, using the Page Program instruction.

The EN25F20 is designed to allow either single Sector/Block at a time or full chip erase operation. The EN25F20 can be configured to protect part of the memory as the software protected mode. The device can sustain a minimum of 100K program/erase cycles on each sector or block.



FEATURES

• Single power supply operation

   - Full voltage range: 2.7-3.6 volt

• Serial Interface Architecture

   - SPI Compatible: Mode 0 and Mode 3

• 2 Mbit Serial Flash

   - 2 M-bit/256 K-byte/1024 pages

   - 256 bytes per programmable page

• High performance

   - 100MHz clock rate

• Low power consumption

   - 12 mA typical active current

   - 1 µA typical power down current

• Uniform Sector Architecture:

   - 64 sectors of 4-Kbyte

   - 4 blocks of 64-Kbyte

   - Any sector or block can be erased individually

• Software and Hardware Write Protection:

   - Write Protect all or portion of memory via software

   - Enable/Disable protection with WP# pin

• High performance program/erase speed

   - Page program time: 1.5ms typical

   - Sector erase time: 150ms typical

   - Block erase time 800ms typical

   - Chip erase time: 3 Seconds typical

• Lockable 256 byte OTP security sector

• Minimum 100K endurance cycle

• Package Options

   - 8 pins SOP 150mil body width

   - 8 contact VDFN

   - All Pb-free packages are RoHS compliant

• Commercial and industrial temperature Range



 




Similar Part No. - EN25F20

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25F20 EON-EN25F20 Datasheet
1Mb / 33P
2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F20-100GCP EON-EN25F20-100GCP Datasheet
1Mb / 33P
2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F20-100GIP EON-EN25F20-100GIP Datasheet
1Mb / 33P
2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F20-100WCP EON-EN25F20-100WCP Datasheet
1Mb / 33P
2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F20-100WIP EON-EN25F20-100WIP Datasheet
1Mb / 33P
2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
More results


Similar Description - EN25F20

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25F40 EON-EN25F40 Datasheet
462Kb / 33P
4 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80 EON-EN25F80 Datasheet
454Kb / 33P
8 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25P20 EON-EN25P20 Datasheet
388Kb / 32P
2 Mbit Uniform Sector, Serial Flash Memory
EN25LF40 EON-EN25LF40 Datasheet
482Kb / 32P
4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF20 EON-EN25LF20 Datasheet
415Kb / 30P
2 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F32 EON-EN25F32 Datasheet
666Kb / 40P
32 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F05 EON-EN25F05_1 Datasheet
1Mb / 32P
512 Kbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F10 EON-EN25F10_1 Datasheet
1Mb / 32P
1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F20 EON-EN25F20_1 Datasheet
1Mb / 33P
2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF20 EON-EN25LF20_1 Datasheet
1Mb / 32P
2 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com