Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25F80 Datasheet (PDF) - Eon Silicon Solution Inc.

EN25F80 Datasheet PDF - Eon Silicon Solution Inc.
Part # EN25F80
Download  EN25F80 Download
File Size   454.88 Kbytes
Page   33 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 8 Mbit Serial Flash Memory with 4Kbytes Uniform Sector

EN25F80 Datasheet (PDF)

Go To PDF Page Download Datasheet
EN25F80 Datasheet PDF - Eon Silicon Solution Inc.

Part # EN25F80
Download  EN25F80 Click to download

File Size   454.88 Kbytes
Page   33 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 8 Mbit Serial Flash Memory with 4Kbytes Uniform Sector

EN25F80 Datasheet (HTML) - Eon Silicon Solution Inc.


EN25F80 Product details

GENERAL DESCRIPTION
The EN25F80 is a 8M-bit (1024K-byte) Serial Flash memory, with advanced write protection mechanisms, accessed by a high speed SPI-compatible bus. The memory can be programmed 1 to 256 bytes at a time, using the Page Program instruction.

FEATURES
• Single power supply operation
    - Full voltage range: 2.7-3.6 volt
• 8 Mbit Serial Flash
    - 8 M-bit/1024 K-byte/4096 pages
    - 256 bytes per programmable page
• High performance
    - 100MHz clock rate
• Low power consumption
    - 5 mA typical active current
    - 1 μA typical power down current
• Uniform Sector Architecture:
    - 256 sectors of 4-Kbyte
    - 16 blocks of 64-Kbyte
    - Any sector or block can be erased individually
• Software and Hardware Write Protection:
    - Write Protect all or portion of memory via software
    - Enable/Disable protection with WP# pin
• High performance program/erase speed
    - Page program time: 1.5ms typical
    - Sector erase time: 150ms typical
    - Block erase time 800ms typical
    - Chip erase time: 10 Seconds typical
• Lockable 256 byte OTP security sector
• Minimum 100K endurance cycle
• Package Options
    - 8 pins SOP 200mil body width
    - 8 contact VDFN
    - 8 pins PDIP
    - All Pb-free packages are RoHS compliant
• Commercial and industrial temperature Range




Similar Part No. - EN25F80

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25F80 EON-EN25F80 Datasheet
1Mb / 35P
8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80 EON-EN25F80 Datasheet
434Kb / 32P
8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
Rev. E 2007/11/23
EN25F80-100GCP EON-EN25F80-100GCP Datasheet
1Mb / 35P
8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80-100GIP EON-EN25F80-100GIP Datasheet
1Mb / 35P
8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80-100HC EON-EN25F80-100HC Datasheet
434Kb / 32P
8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
Rev. E 2007/11/23
More results


Similar Description - EN25F80

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25F20 EON-EN25F20 Datasheet
394Kb / 31P
2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F40 EON-EN25F40 Datasheet
462Kb / 33P
4 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25P80 EON-EN25P80 Datasheet
386Kb / 30P
8 Mbit Uniform Sector, Serial Flash Memory
EN25LF40 EON-EN25LF40 Datasheet
482Kb / 32P
4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F05 EON-EN25F05 Datasheet
422Kb / 31P
512 Kbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F32 EON-EN25F32 Datasheet
666Kb / 40P
32 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F05 EON-EN25F05_1 Datasheet
1Mb / 32P
512 Kbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F10 EON-EN25F10_1 Datasheet
1Mb / 32P
1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F20 EON-EN25F20_1 Datasheet
1Mb / 33P
2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80 EON-EN25F80_1 Datasheet
1Mb / 35P
8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com