Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25F40 Datasheet (PDF) - Eon Silicon Solution Inc.

EN25F40 Datasheet PDF - Eon Silicon Solution Inc.
Part # EN25F40
Download  EN25F40 Download
File Size   462.2 Kbytes
Page   33 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 4 Mbit Serial Flash Memory with 4Kbytes Uniform Sector

EN25F40 Datasheet (PDF)

Go To PDF Page Download Datasheet
EN25F40 Datasheet PDF - Eon Silicon Solution Inc.

Part # EN25F40
Download  EN25F40 Click to download

File Size   462.2 Kbytes
Page   33 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 4 Mbit Serial Flash Memory with 4Kbytes Uniform Sector

EN25F40 Datasheet (HTML) - Eon Silicon Solution Inc.


EN25F40 Product details

Purpose

Eon Silicon Solution Inc. (hereinafter called “Eon”) is going to provide its products’ top marking on ICs with < cFeon > from January 1st, 2009, and without any change of the part number and the compositions of the ICs. Eon is still keeping the promise of quality for all the products with the same as that of Eon delivered before. Please be advised with the change and appreciate your kindly cooperation and fully support Eon’s product family.



GENERAL DESCRIPTION

The EN25F40 is a 4M-bit (512K-byte) Serial Flash memory, with advanced write protection mechanisms, accessed by a high speed SPI-compatible bus. The memory can be programmed 1 to 256 bytes at a time, using the Page Program instruction.

The EN25F40 is designed to allow either single Sector/Block at a time or full chip erase operation. The EN25F40 can be configured to protect part of the memory as the software protected mode. The device can sustain a minimum of 100K program/erase cycles on each sector or block.



FEATURES

• Single power supply operation

   - Full voltage range: 2.3 ~ 3.6 volt

• Serial Interface Architecture

   - SPI Compatible: Mode 0 and Mode 3

• 4 Mbit Serial Flash

   - 4 M-bit/512 K-byte/2048 pages

   - 256 bytes per programmable page

• High performance

   - 100MHz clock rate for 2.7~ 3.6 volt

   - 75MHz clock rate for 2.3 ~ 3.6 volt

• Low power consumption

   - 12 mA typical active current

   - 1 mA typical power down current

• Uniform Sector Architecture:

   - 128 sectors of 4-Kbyte

   - 8 blocks of 64-Kbyte

   - Any sector or block can be erased individually

• Software and Hardware Write Protection:

   - Write Protect all or portion of memory via software

   - Enable/Disable protection with WP# pin

• High performance program/erase speed

   - Page program time: 1.3ms typical

   - Sector erase time: 90ms typical

   - Block erase time 500ms typical

   - Chip erase time: 3.5 seconds typical

• Lockable 256 byte OTP security sector

• Minimum 100K endurance cycle

• Package Options

   - 8 pins SOP 150mil body width

   - 8 pins SOP 200mil body width

   - 8 contact VDFN

   - 8 pins PDIP

   - All Pb-free packages are RoHS compliant

• Commercial and industrial temperature Range



 




Similar Part No. - EN25F40

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25F40 EON-EN25F40 Datasheet
1Mb / 35P
4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F40-100GCP EON-EN25F40-100GCP Datasheet
1Mb / 35P
4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F40-100GIP EON-EN25F40-100GIP Datasheet
1Mb / 35P
4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F40-100HCP EON-EN25F40-100HCP Datasheet
1Mb / 35P
4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F40-100HIP EON-EN25F40-100HIP Datasheet
1Mb / 35P
4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
More results


Similar Description - EN25F40

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25F20 EON-EN25F20 Datasheet
394Kb / 31P
2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80 EON-EN25F80 Datasheet
454Kb / 33P
8 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25P40 EON-EN25P40 Datasheet
426Kb / 31P
4 Mbit Uniform Sector, Serial Flash Memory
EN25LF40 EON-EN25LF40 Datasheet
482Kb / 32P
4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F32 EON-EN25F32 Datasheet
666Kb / 40P
32 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F05 EON-EN25F05_1 Datasheet
1Mb / 32P
512 Kbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F10 EON-EN25F10_1 Datasheet
1Mb / 32P
1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F20 EON-EN25F20_1 Datasheet
1Mb / 33P
2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F40 EON-EN25F40_1 Datasheet
1Mb / 35P
4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF40 EON-EN25LF40_1 Datasheet
1Mb / 35P
4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com