Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1509 Datasheet (PDF) - YOBON TECHNOLOGIES,INC.

YB1509 Datasheet PDF - YOBON TECHNOLOGIES,INC.
Part # YB1509
Download  YB1509 Download
File Size   96.86 Kbytes
Page   7 Pages
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.
Description High-Power White LED Driver

YB1509 Datasheet (PDF)

Go To PDF Page Download Datasheet
YB1509 Datasheet PDF - YOBON TECHNOLOGIES,INC.

Part # YB1509
Download  YB1509 Click to download

File Size   96.86 Kbytes
Page   7 Pages
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.
Description High-Power White LED Driver

YB1509 Datasheet (HTML) - YOBON TECHNOLOGIES,INC.


YB1509 Product details

Description

The YB1509 is a high-power boost converter. An adjustable current limit, wide range of input voltage, and up to 40V of switch voltage are designed to drive white LEDs back-lighting for large LCD panel. It can drive up to 10 LEDs in series or 18 LEDs in parallel/series configuration.



Features

 2V to 16V Input Voltage

 40V Maximum Output Voltage

 Drive up to 18 White LEDs

 Adjustable Inductor Current

 1µs Constant Off-time PFM Control

 1KHz to 100KHz PWM Dimming Control



Applications

 PDA, Palmtops and Smart Phones

 LCD Monitor

 LCD TV

 Portable DVD player

 White LED backlighting

 GPS navigation system

 Handheld Game



 




Similar Part No. - YB1509

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
Step-up DC-DC Converter , White LED Driver
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
Step-up DC-DC Converter , White LED Driver
YB1508P YOBON-YB1508P Datasheet
774Kb / 7P
Step-up DC-DC Converter , White LED Driver
More results


Similar Description - YB1509

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCF02 STMICROELECTRONICS-STCF02 Datasheet
223Kb / 4P
High Power White Led Driver
05-Oct-2005
STCF02 STMICROELECTRONICS-STCF02_07 Datasheet
701Kb / 19P
High power white led driver
09-Feb-2007
logo
YOBON TECHNOLOGIES,INC.
YB1519 YOBON-YB1519 Datasheet
271Kb / 7P
High-Power White LED Driver
logo
Power Analog Micoelectr...
PAM2800 PAM-PAM2800 Datasheet
92Kb / 7P
High Power White LED Driver
PAM2801 PAM-PAM2801 Datasheet
270Kb / 9P
1W High Power White LED Driver
PAM2803 PAM-PAM2803 Datasheet
211Kb / 8P
3W High Power White LED Driver
logo
FOSLINK SEMICONDUCTOR C...
FSP3604 FOSLINK-FSP3604 Datasheet
559Kb / 6P
3W HIGH POWER WHITE LED DRIVER
logo
Diodes Incorporated
PAM2800 DIODES-PAM2800 Datasheet
201Kb / 7P
HIGH POWER WHITE LED DRIVER
Rev 1
PAM2803 DIODES-PAM2803 Datasheet
392Kb / 9P
3W HIGH POWER WHITE LED DRIVER
Rev 2
PAM2800AABR DIODES-PAM2800AABR Datasheet
293Kb / 7P
HIGH POWER WHITE LED DRIVER
December 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com