Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1519 Datasheet (PDF) - YOBON TECHNOLOGIES,INC.

YB1519 Datasheet PDF - YOBON TECHNOLOGIES,INC.
Part # YB1519
Download  YB1519 Download
File Size   271.5 Kbytes
Page   7 Pages
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.
Description High-Power White LED Driver

YB1519 Datasheet (PDF)

Go To PDF Page Download Datasheet
YB1519 Datasheet PDF - YOBON TECHNOLOGIES,INC.

Part # YB1519
Download  YB1519 Click to download

File Size   271.5 Kbytes
Page   7 Pages
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.
Description High-Power White LED Driver

YB1519 Datasheet (HTML) - YOBON TECHNOLOGIES,INC.


YB1519 Product details

Description

The YB1519 is a high-power boost converter. An adjustable current limit, wide range of input voltage, and up to 40V of switch voltage are designed to drive white LEDs back-lighting for large LCD panel. It can drive up to 10 LEDs in series or 18 LEDs in parallel/series configuration.

The wide application VIN range makes YB1519 suitable for many types of battery applications such as Li-ions, Alkaline, or Sealed Lead Acid batteries. The adjustable inductor current optimizes the performance for different output drive capability by an external resistor.

The LED current is set by a resistor connected to FB pin. The On/Of duty with clock frequency from 1K to 100KHz at EN pin can control the LED brightness



Features

■ 2V to 16V Input Voltage

■ 40V Maximum Output Voltage

■ Drive up to 18 White LEDs

■ Adjustable Inductor Current

■ 1μs Constant Off-time PFM Control

■ 1KHz to 100KHz PWM Dimming Control



Applications

■ High Power WLED Backlight Solution

■ LCD Monitor

■ LCD TV

■ Car TV, Portable DVD

■ GPS navigation system

■ Handheld Game



 




Similar Part No. - YB1519

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1510 YOBON-YB1510 Datasheet
90Kb / 1P
Step-up DC-DC Converter,White LED Driver
YB1517 YOBON-YB1517 Datasheet
337Kb / 10P
Step-up DC-DC Converter & White LED Driver
YB1517ST25 YOBON-YB1517ST25 Datasheet
337Kb / 10P
Step-up DC-DC Converter & White LED Driver
YB1518 YOBON-YB1518 Datasheet
1Mb / 12P
Step-up DC-DC Converter White LED Driver
YB1518ST25 YOBON-YB1518ST25 Datasheet
1Mb / 12P
Step-up DC-DC Converter White LED Driver
More results


Similar Description - YB1519

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCF02 STMICROELECTRONICS-STCF02 Datasheet
223Kb / 4P
High Power White Led Driver
05-Oct-2005
STCF02 STMICROELECTRONICS-STCF02_07 Datasheet
701Kb / 19P
High power white led driver
09-Feb-2007
logo
YOBON TECHNOLOGIES,INC.
YB1509 YOBON-YB1509 Datasheet
96Kb / 7P
High-Power White LED Driver
logo
Power Analog Micoelectr...
PAM2800 PAM-PAM2800 Datasheet
92Kb / 7P
High Power White LED Driver
PAM2801 PAM-PAM2801 Datasheet
270Kb / 9P
1W High Power White LED Driver
PAM2803 PAM-PAM2803 Datasheet
211Kb / 8P
3W High Power White LED Driver
logo
FOSLINK SEMICONDUCTOR C...
FSP3604 FOSLINK-FSP3604 Datasheet
559Kb / 6P
3W HIGH POWER WHITE LED DRIVER
logo
Diodes Incorporated
PAM2800 DIODES-PAM2800 Datasheet
201Kb / 7P
HIGH POWER WHITE LED DRIVER
Rev 1
PAM2803 DIODES-PAM2803 Datasheet
392Kb / 9P
3W HIGH POWER WHITE LED DRIVER
Rev 2
PAM2800AABR DIODES-PAM2800AABR Datasheet
293Kb / 7P
HIGH POWER WHITE LED DRIVER
December 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com