Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1518 Datasheet (PDF) - YOBON TECHNOLOGIES,INC.

YB1518 Datasheet PDF - YOBON TECHNOLOGIES,INC.
Part # YB1518
Download  YB1518 Download
File Size   1490.81 Kbytes
Page   12 Pages
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.
Description Step-up DC-DC Converter White LED Driver

YB1518 Datasheet (PDF)

Go To PDF Page Download Datasheet
YB1518 Datasheet PDF - YOBON TECHNOLOGIES,INC.

Part # YB1518
Download  YB1518 Click to download

File Size   1490.81 Kbytes
Page   12 Pages
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.
Description Step-up DC-DC Converter White LED Driver

YB1518 Datasheet (HTML) - YOBON TECHNOLOGIES,INC.


YB1518 Product details

Description
The YB1518 is a step-up DC-DC converter; operates as current source to drive up to 6 white LEDs(VIN at 3.0V) or 8 LEDs(VIN at 3.5V) or 9 LEDs(VIN at 3.5V) in series. Series connecting of the LEDs provides identical LED currents resulting in uniform brightness and eliminating the need for ballast resistors. The light intensity of these LEDs is proportional to the current passing through them. The YB1518 switches at a fixed frequency of ~930KHz, allowing the use of tiny, low profile inductors and capacitors to minimize footprint and cost in space consideration applications for cellular phone backlighting or other hand
held equipment.

Features
■ Built-in internal switch
■ 2.7V to 7V input range
■ <1uA shutdown current
■ PWM dimming control 100Hz to 1KHz
■ Analog dimming control
■ Internal Soft Start
■ Drives up to 9 white LEDs(VIN at 3.5V)
■ Over voltage protection 34V
■ Small 5-Lead SOT-23 package
■ 100mV Low Reference Voltage

Applications
■ LCD Display Module
■ White LED Backlighting
■ PDAs, GPS terminals
■ Digital Cameras
■ Cellular Phone
■ Electronic Books
■ Portable Applications




Similar Part No. - YB1518

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1510 YOBON-YB1510 Datasheet
90Kb / 1P
Step-up DC-DC Converter,White LED Driver
YB1517 YOBON-YB1517 Datasheet
337Kb / 10P
Step-up DC-DC Converter & White LED Driver
YB1517ST25 YOBON-YB1517ST25 Datasheet
337Kb / 10P
Step-up DC-DC Converter & White LED Driver
YB1519 YOBON-YB1519 Datasheet
271Kb / 7P
High-Power White LED Driver
More results


Similar Description - YB1518

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
Step-up DC-DC Converter , White LED Driver
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
Step-up DC-DC Converter , White LED Driver
YB1510 YOBON-YB1510 Datasheet
90Kb / 1P
Step-up DC-DC Converter,White LED Driver
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520 Datasheet
1,011Kb / 12P
Step-Up DC-DC Converter, White LED Driver
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
Step-up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1517 YOBON-YB1517 Datasheet
337Kb / 10P
Step-up DC-DC Converter & White LED Driver
YB1520 YOBON-YB1520 Datasheet
794Kb / 10P
Step-up DC-DC Converter, White LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3127 FUMAN-A3127 Datasheet
191Kb / 7P
Step-up DC/DC converter white LED driver
logo
Shenzhen Huazhimei Semi...
HM5662 HMSEMI-HM5662 Datasheet
640Kb / 6P
Step-up DC/DC converter White LED driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com