Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1508 Datasheet (PDF) - YOBON TECHNOLOGIES,INC.

YB1508 Datasheet PDF - YOBON TECHNOLOGIES,INC.
Part # YB1508
Download  YB1508 Download
File Size   774.04 Kbytes
Page   7 Pages
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.
Description Step-up DC-DC Converter , White LED Driver

YB1508 Datasheet (PDF)

Go To PDF Page Download Datasheet
YB1508 Datasheet PDF - YOBON TECHNOLOGIES,INC.

Part # YB1508
Download  YB1508 Click to download

File Size   774.04 Kbytes
Page   7 Pages
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.
Description Step-up DC-DC Converter , White LED Driver

YB1508 Datasheet (HTML) - YOBON TECHNOLOGIES,INC.


YB1508 Product details

Description

The YB1508 is a step-up DC-DC converter, acting as current source to drive up to 8 white LEDs in series. Series connecting of the LEDs provides identical LED currents resulting in uniform brightness and eliminating the need for ballast resistors. The light intensity of these LEDs is proportional to the current passing through them. Additional features include output over voltage protection to prevent device damage due to faulty LED or open circuit caused by abnormal conditions, and one-pin shutdown and multiple methods of dimming control.



Features

■ 2.7V to 9V input range

■ Adjustable output voltage up to 40V

■ Built in internal switch

■ Inherently matched LED current

■ Fixed frequency of 1MHz PWM operation

■ Open LED protection

■ Low profile 5-Lead SOT-23 package

■ High efficiency: over 80% at 3.6V input voltage

■ Drives up to 8 white LEDs



Applications

■ LCD Display Module

■ OLED panel/sub-panel

■ White LED Backlighting

■ Digital Camera

■ Cellular Phone

■ Portable Application



 




Similar Part No. - YB1508

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
Step-up DC-DC Converter , White LED Driver
YB1509 YOBON-YB1509 Datasheet
96Kb / 7P
High-Power White LED Driver
More results


Similar Description - YB1508

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
Step-up DC-DC Converter , White LED Driver
YB1510 YOBON-YB1510 Datasheet
90Kb / 1P
Step-up DC-DC Converter,White LED Driver
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520 Datasheet
1,011Kb / 12P
Step-Up DC-DC Converter, White LED Driver
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
Step-up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1517 YOBON-YB1517 Datasheet
337Kb / 10P
Step-up DC-DC Converter & White LED Driver
YB1518 YOBON-YB1518 Datasheet
1Mb / 12P
Step-up DC-DC Converter White LED Driver
YB1520 YOBON-YB1520 Datasheet
794Kb / 10P
Step-up DC-DC Converter, White LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3127 FUMAN-A3127 Datasheet
191Kb / 7P
Step-up DC/DC converter white LED driver
logo
Shenzhen Huazhimei Semi...
HM5662 HMSEMI-HM5662 Datasheet
640Kb / 6P
Step-up DC/DC converter White LED driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com