Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1517 Datasheet (PDF) - YOBON TECHNOLOGIES,INC.

YB1517 Datasheet PDF - YOBON TECHNOLOGIES,INC.
Part # YB1517
Download  YB1517 Download
File Size   337.46 Kbytes
Page   10 Pages
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.
Description Step-up DC-DC Converter & White LED Driver

YB1517 Datasheet (PDF)

Go To PDF Page Download Datasheet
YB1517 Datasheet PDF - YOBON TECHNOLOGIES,INC.

Part # YB1517
Download  YB1517 Click to download

File Size   337.46 Kbytes
Page   10 Pages
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.
Description Step-up DC-DC Converter & White LED Driver

YB1517 Datasheet (HTML) - YOBON TECHNOLOGIES,INC.


YB1517 Product details

Description

The YB1517 is a Current-mode PWM step-up DC-DC converter. It can drive up to 18V in 20mA output current conditions while Vin at 3.0V and 20V at 3.5Vin. The 900 KHz switching frequency allows it to work with tiny external components, therefore minimize the footprint and cost in space consideration products.



Features

■ 900KHz Current-mode PWM Converter

■ Built-in Internal Switch

■ Adjustable Output Voltage up to 20V

■ 2.7V to 16V Input Range

■ <1uA Shutdown Current

■ Internal Soft Start

■ Drives up to 6 White LEDs

■ Tiny Inductor and Capacitors Allowed

■ Over Voltage Protection 30V

■ Small 5-Lead SOT-23 Package

■ 220mV Low Reference Voltage

■ Green package (RoHS) available



Applications

■ LCD Display Module

■ White LED Backlighting

■ PDAs, GPS Terminals

■ Digital Cameras

■ Cellular Phone

■ Electronic Books

■ Portable Applications



 




Similar Part No. - YB1517

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1510 YOBON-YB1510 Datasheet
90Kb / 1P
Step-up DC-DC Converter,White LED Driver
YB1518 YOBON-YB1518 Datasheet
1Mb / 12P
Step-up DC-DC Converter White LED Driver
YB1518ST25 YOBON-YB1518ST25 Datasheet
1Mb / 12P
Step-up DC-DC Converter White LED Driver
YB1519 YOBON-YB1519 Datasheet
271Kb / 7P
High-Power White LED Driver
More results


Similar Description - YB1517

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
Step-up DC-DC Converter , White LED Driver
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
Step-up DC-DC Converter , White LED Driver
YB1510 YOBON-YB1510 Datasheet
90Kb / 1P
Step-up DC-DC Converter,White LED Driver
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520 Datasheet
1,011Kb / 12P
Step-Up DC-DC Converter, White LED Driver
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
Step-up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1518 YOBON-YB1518 Datasheet
1Mb / 12P
Step-up DC-DC Converter White LED Driver
YB1520 YOBON-YB1520 Datasheet
794Kb / 10P
Step-up DC-DC Converter, White LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3127 FUMAN-A3127 Datasheet
191Kb / 7P
Step-up DC/DC converter white LED driver
logo
Shenzhen Huazhimei Semi...
HM5662 HMSEMI-HM5662 Datasheet
640Kb / 6P
Step-up DC/DC converter White LED driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com